Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS10K60A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIPS10K60A
Description  IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIPS10K60A Datasheet HTML 9Page - STMicroelectronics STGIPS10K60A Datasheet HTML 10Page - STMicroelectronics STGIPS10K60A Datasheet HTML 11Page - STMicroelectronics STGIPS10K60A Datasheet HTML 12Page - STMicroelectronics STGIPS10K60A Datasheet HTML 13Page - STMicroelectronics STGIPS10K60A Datasheet HTML 14Page - STMicroelectronics STGIPS10K60A Datasheet HTML 15Page - STMicroelectronics STGIPS10K60A Datasheet HTML 16Page - STMicroelectronics STGIPS10K60A Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STGIPS10K60A
Applications information
Doc ID 15587 Rev 5
13/17
4.1
Recommendations
●
To prevent the input signals oscillation, the wiring of each input should be as short as
possible.
●
By integrating an application specific type HVIC inside the module, direct coupling to
MCU terminals without any opto-coupler is possible.
●
Each capacitor should be located as nearby the pins of IPM as possible.
●
Low inductance shunt resistors should be used for phase leg current sensing.
●
Electrolytic bus capacitors should be mounted as close to the module bus terminals as
possible. Additional high frequency ceramic capacitor mounted close to the module
pins will further improve performance.
Table 12.
Recommended operating conditions
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P-Nu,Nv,Nw
300
400
V
VCC
Control supply voltage
Applied between VCC-GND
13.5
15
16
V
VBS
High side bias voltage
Applied between VBOOTi-OUTi for
i=U,V,W
16
V
tdead
Blanking time to
prevent Arm-short
For each input signal
1
µs
fPWM
PWM input signal
-40°C < Tc < 100°C
-40°C < Tj < 125°C
20
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com