Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDL1SCM Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2EDL1SCM
Description  Power Entry Module with RFI Power Line Filter for General or Medical Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2EDL1SCM Datasheet(HTML) 1 Page - Tyco Electronics

  2EDL1SCM Datasheet HTML 1Page - Tyco Electronics 2EDL1SCM Datasheet HTML 2Page - Tyco Electronics 2EDL1SCM Datasheet HTML 3Page - Tyco Electronics 2EDL1SCM Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Entry Module with RFI Power Line Filter for General
or Medical Applications
The L series power entry modules are compact units that
combine a multi-function power entry module and high per-
formance RFI filtering capabilities. They are available with
either a four-voltage selector or a DPST on/off switch. Both
variations can be specified with North American or
European fusing capabilities and are available in either
flange or snap-in mounting.
These filters are UL recognized, CSA certified, and VDE
approved. The L series modules offer a choice of filters for
general or medical applications.
EDL Models
The RFI filter is for general purpose applications where
line-to-line and line-to-ground noise must be controlled.
The filter is designed to meet the very low leakage
requirements of VDE portable equipment. They are
available in three current ratings.
EHL Models
This medical filter provides susceptibility protection
without the leakage current associated with line-to-ground
capacitors. Designed to allow equipment to meet UL544
for patient care and non-patient care equipment, the EHL
filter has a maximum leakage current of 2 µA at 120 VAC
60 Hz. See Appendix C for more information on medical
applications and UL standards.
Note: When using the models with an IEC connector,
remember that the leakage current of the companion line
cord, GA400, is more significant than that of the filter -
which may disqualify this line cord from use in patient care
applications.
118
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
L Series
L Series
CORCOM Product Guide
UL Recognized
CSA Certified
VDE Approved
EDL1S/EHL1S
EDL4C/EHL4C
Voltage Selection
To change selected voltage: disconnect the power cord;
open cover using a small blade screwdriver or similar tool;
insert the tool into the voltage selection slot and remove
wheel from unit; select desired voltage; replace wheel into
unit and close cover, making sure the selected voltage
appears in connector window.
Voltage
selection
slot
4-Voltage
selection
wheel
Cover
Fuseholder
Note: All models have North American or dual European fusing capability
and are available in either flange or snap-in mounting.


Similar Part No. - 2EDL1SCM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2EDL1SCM MACOM-2EDL1SCM Datasheet
312Kb / 5P
Dual Configuration Power Entry Module
logo
TE Connectivity Ltd
2EDL1SCM TEC-2EDL1SCM Datasheet
312Kb / 5P
Dual Configuration Power Entry Module
More results

Similar Description - 2EDL1SCM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
RFI Power Line Filters for DC Applications
3VAQ3 MACOM-3VAQ3 Datasheet
360Kb / 2P
High Frequency Power Line Filter or Power Entry Module
3EHZ1 MACOM-3EHZ1 Datasheet
272Kb / 2P
High Performance Power Line Filter for Medical Applications
3EXM1S MACOM-3EXM1S Datasheet
308Kb / 8P
Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
RFI Power Line Filters for DC Applications
3EHZ1 MACOM-3EHZ1_11 Datasheet
312Kb / 3P
High Performance Power Line Filter for Medical Applications
3VAQ3 MACOM-3VAQ3_11 Datasheet
230Kb / 3P
High Frequency Power Line Filter or Power Entry Module
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
3EHZ1 TEC-3EHZ1 Datasheet
312Kb / 3P
High Performance Power Line Filter for Medical Applications
3VAQ3 TEC-3VAQ3 Datasheet
230Kb / 3P
High Frequency Power Line Filter or Power Entry Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com