Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6VM4SC Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6VM4SC
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM4SC Datasheet(HTML) 1 Page - Tyco Electronics

  6VM4SC Datasheet HTML 1Page - Tyco Electronics 6VM4SC Datasheet HTML 2Page - Tyco Electronics 6VM4SC Datasheet HTML 3Page - Tyco Electronics 6VM4SC Datasheet HTML 4Page - Tyco Electronics 6VM4SC Datasheet HTML 5Page - Tyco Electronics 6VM4SC Datasheet HTML 6Page - Tyco Electronics 6VM4SC Datasheet HTML 7Page - Tyco Electronics 6VM4SC Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
124
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
M Series
M Series
CORCOM Product Guide
The M series power entry modules offer the most choices
of power entry components and filtering options to fit a
specific need. The fully configured M series expands the
options of a manufacturer whose products are marketed
worldwide. One component, fully assembled and tested,
provides the capability of interfacing a multi-voltage power
supply to any common voltage or fusing scheme in the
world, without modification.
•The IEC connector provides an internationally accepted
power entry termination, which can be used with a variety
of line cords.
•The selectable fuseholder allows use of single or dual
European fuses, or a single North American fuse.
•The optional DPST on/off switch breaks both sides of the
line and is labeled with the international I/O markings.
•The optional voltage selector provides a convenient
means to change transformer primary connection,
and it is available in both 2-voltage and 4-voltage
configurations.
•The series is available with four filter circuits to meet a
variety of applications, and convenient connections are
provided on unfiltered models to allow wiring of a
separate RFI filter.
The M series is a family of components offering greater
flexibility and cost-effectiveness in the selection of primary
power components. Wiring to the modules is accom-
plished via .110” terminals for labor savings and
convenience.
Four filter circuits provide a choice of attenuation tailored to
specific categories of susceptibility and emissions needs.
HM Models – This medical filter provides susceptibility
protection without the leakage current associated with
line-to-ground capacitors. Designed to allow equipment
to meet UL544 for patient care and non-patient care
equipment, the HM filter has a maximum leakage current
of 2 µA at 120 VAC 60 Hz. See Appendix C for more
information on medical applications and UL standards.
FM Models – General purpose RFI filter designed for sus-
ceptibility applications, effectively providing RFI control of
line-to-ground noise. The design is compact and meets
the very low leakage current requirements of VDE portable
equipment as well as (120 Volt) UL544 non-patient medical
equipment.
XM Models – High performance RFI filter designed to bring
most digital equipment (including switching power
supplies) into compliance with FCC Part 15J, Class B
conducted emissions limits.
ZM Models – Premium RFI filter designed to bring most
digital equipment (including switching power supplies) into
compliance with EN55022, Level B (as well as FCC Part
15J, Class B) conducted emissions limits.
XM/ZM
VM
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications
UL Recognized
CSA Certified
VDE Approved
Fuse Installation Instructions
1. Remove power cord.
2. Pry door open at socket.
3. Lift and swing door into socket.
4. Lift fuse holder out of housing.
5. Install one (1) AG fuse or two (2) metric fuses*.
6. Replace fuse holder into housing.
7. Swing and snap door back in place.
*Install fuses on one side only, do not install both AG and metric fuses at the
same time.


Similar Part No. - 6VM4SC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6VM4SC MACOM-6VM4SC Datasheet
848Kb / 9P
Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
6VM4SC TEC-6VM4SC Datasheet
848Kb / 9P
Slim Power Entry Module Family with Multiple Options
More results

Similar Description - 6VM4SC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
RFI Power Line Filters
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
High Performance RFI Power Line Filters for Medical Equipment
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
Power Entry Module with RFI Power Line Filter for General or Medical Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
RFI Power Line Filters for DC Applications
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
10EHT TEC-10EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com