Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1VR3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1VR3
Description  Two-Stage General Purpose RFI Power Line Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1VR3 Datasheet(HTML) 1 Page - Tyco Electronics

  1VR3 Datasheet HTML 1Page - Tyco Electronics 1VR3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Two-Stage General Purpose RFI Power Line Filter
The dual T section RFI power line filters provide premium
performance at moderate cost. They are well suited for low
impedance loads where noisy RFI environments are
present. They control pulsed, continuous and/or intermittent
interference, providing protection to your equipment from
power line noise in addition to protecting the line from
equipment noise. The R series dual T type provides low
leakage current without deterioration of insertion loss
characteristics and at a competitive cost. The ER models
meet the low leakage current requirements of VDE portable
equipment, and (120 Volt) UL2601 non-patient medical
equipment.
Specifications
Maximum leakage current,each line-to-ground
VR Models
ER Models
@ 120 VAC 60 Hz:
.4 mA
.21 mA
@ 250 VAC 50 Hz:
.7 mA
.36 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency–MHz
Rating
.15
.5
1
5
10
30
VR Models
1A, 3A
30
65
65
65
65
65
2A, 5A, 10A, 20A
5
44
60
65
65
60
ER Models
1A, 3A
25
60
65
65
65
65
2A, 5A, 10A, 20A
2
35
51
63
60
50
Line-to-line in 50 ohm circuit
Current
Frequency–MHz
Rating
.15
.5
1
5
10
30
VR, ER Models
1A, 3A
–
–
65
60
54
46
2A, 5A, 10A, 20A
–
–
35
60
57
45
84
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
R Series
R Series
CORCOM Product Guide
Electrical Schematic
Resistor location for reference only.
LINE
LOAD
10VR6
VR7/ER7
VR1/ER1
VR3/ER3
Case Style
20VR6
Note: Same layout for 20VR1 and 20ER1, except .250 [6.35] (5) terminals
replace Screw Terminals of 20VR6.
E
DB
2.00
50.8
A
Terminals: No. 8-32 (5)
C
Slots: .250
6.35
.156
3.96
x
(4)
Torque 18 ± 2 in.lb
UL Recognized
CSA Certified
VDE Approved


Similar Part No. - 1VR3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VR3 MACOM-1VR3 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
1VR3 TEC-1VR3 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
1VR3 TEC-1VR3 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
More results

Similar Description - 1VR3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VR1 MACOM-1VR1_11 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
logo
List of Unclassifed Man...
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
logo
TE Connectivity Ltd
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
1VR3 TEC-1VR3 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
logo
Wurth Elektronik GmbH &...
810913006 WURTH-810913006 Datasheet
906Kb / 7P
WE-CLFS Line Filter Two-Stage
001.001
810913010 WURTH-810913010 Datasheet
906Kb / 7P
WE-CLFS Line Filter Two-Stage
001.000
810913014 WURTH-810913014 Datasheet
906Kb / 7P
WE-CLFS Line Filter Two-Stage
001.000
810913020 WURTH-810913020 Datasheet
907Kb / 7P
WE-CLFS Line Filter Two-Stage
001.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com