Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ER3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2ER3
Description  Two-Stage General Purpose RFI Power Line Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2ER3 Datasheet(HTML) 2 Page - Tyco Electronics

  2ER3 Datasheet HTML 1Page - Tyco Electronics 2ER3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Two-Stage General Purpose RFI Power Line Filter (Continued)
Case Dimensions
AB
C
D
E
± .015
Part No.
(max) (max)
(max)
(max)
± .38
1VR1, 1ER1,
3.35
1.81
1.16
2.375
2.78
2VR1, 2ER1
85.1
46.0
29.5
60.33
70.6
1VR3, 1ER3,
2.07
1.81
1.16
2.375
2.78
2VR3, 2ER3
52.6
46.0
29.5
60.33
70.6
3VR1, 3ER1,
3.85
2.07
1.16
2.938
3.35
5VR1, 5ER1
97.8
52.6
29.5
74.63
85.1
3VR3, 3ER3,
2.56
2.07
1.16
2.938
3.35
5VR3, 5ER3
65.0
52.6
29.5
74.63
85.1
3VR7, 3VR7M,
4.33
2.25
1.28
1.575
0.64
3ER7, 3ER7M
110.0
57.2
32.5
40.01
16.3
5VR7, 5VR7M,
4.33
2.25
1.28
1.575
0.64
5ER7, 5ER7M
110.0
57.2
32.5
40.01
16.3
10VR1, 10ER1
3.85
2.07
1.53
2.938
3.35
97.8
52.6
38.9
74.63
85.1
10VR3, 10ER3
2.56
2.07
1.53
2.938
3.35
65.0
52.6
38.9
74.63
85.1
10VR6
3.96
2.07
1.53
2.938
3.35
100.6
52.6
38.9
74.63
85.1
10VR7, 10VR7M,
4.33
2.25
1.53
1.575
0.88
10ER7, 10ER7M
110.0
57.2
38.9
40.01
22.4
20VR1, 20ER1
5.23
3.37
1.53
3.75
4.20
20VR6
132.8
85.6
38.9
95.25
106.7
85
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
R Series
CORCOM Product Guide
Case Styles
Part Numbers
01VR1
0
1ER1
01VR3
0
1ER3
02VR1
0
2ER1
02VR3
0
2ER3
03VR1
0
3ER1
03VR3
0
3ER3
03VR7
0
3ER7
03VR7M
0
3ER7M
05VR1
0
5ER1
05VR3
0
5ER3
05VR7
0
5ER7
05VR7M
0
5ER7M
10VR1
10ER1
10VR3
10ER3
10VR6
10ER7
10VR7
10ER7M
10VR7M
20ER1
20VR1
20VR6
Line Cord (R7/R7M):
GA400
R1 (except 20 Amp)
DE
A
C
B
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]
R3
AD
E
C
B
Brown
Blue
Brown
Blue
Green/
Yellow
C
B
E
D
A
Terminals: No. 8-32 (5)
Mounting holes .188 [4.78] Dia. (2)
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting Holes: .188 [4.78] Dia. (2)
Torque: 18 ± 2 in.lb
R7 & R7M (with metric insert)
10VR6
A
Tapped insert:
D B
E
C
.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R
No. 6-32 x 1/4 (2)-R7
No. M-3 x .5 (2)-R7M
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]
† ±.02 [±.5]
†
†
†
Tolerance ±.005 [0.13]
Panel Cutout (back mount)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com