Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4354 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4354
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4354 Datasheet HTML 7Page - Cirrus Logic CS4354 Datasheet HTML 8Page - Cirrus Logic CS4354 Datasheet HTML 9Page - Cirrus Logic CS4354 Datasheet HTML 10Page - Cirrus Logic CS4354 Datasheet HTML 11Page - Cirrus Logic CS4354 Datasheet HTML 12Page - Cirrus Logic CS4354 Datasheet HTML 13Page - Cirrus Logic CS4354 Datasheet HTML 14Page - Cirrus Logic CS4354 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DS895A2
11
CS4354
DC ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise specified): VA = 5 V, VL = 3.3 V; GND = 0 V; SDIN = 0; all voltages with respect
to ground.
Notes: 15. Power supply current increases with increasing sample rate and increasing MCLK frequency. Typical
values are based on Fs = 48 kHz and MCLK = 12.288 MHz. Maximum values are based on highest
sample rate and highest MCLK frequency; see Switching Specifications - Serial Audio Interface. Vari-
ance between speed modes is small.
16. During normal operation, SDIN = 997 Hz sine wave at 0 dBFS with load resistance RL = 3 k.
17. Power-down is defined as all clock and data lines held static low. All digital inputs have a weak pull-
down (approximately 50 k
) which is only present during power on reset. Opposing this pull-down will
increase the power-down current.
18. Valid with the recommended capacitor values as shown in the typical connection diagram in Section 5.
2.1
Digital I/O Pin Characteristics
Input and output levels and associated power supply voltage are shown in Table 2. Logic levels should not
exceed the corresponding power supply voltage.
Table 2. Digital I/O Pin Characteristics
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current (Note 15)
Normal Operation (Note 16)
Power-Down (Note 17)
IVA
IVL
IVA
IVL
-
-
-
-
10
0.1
0.5
1
13
0.2
-
-
mA
mA
mA
A
Power Dissipation (All Supplies)
Normal Operation (Note 16)
(Note 15)
Power-Down (Note 17)
-
-
50
2.5
65
-
mW
mW
Power Supply Rejection Ratio (Note 18)
(1 kHz)
(60 Hz)
PSRR
-
-
60
60
-
-
dB
dB
DC Output Voltages
Pin Voltage
FILT+ to GND
FLYP to FLYN
GND to -VFILT
-
-
-
3.5
4.9
4.7
-
-
-
V
V
V
Pin Name
Power Supply
I/O
Driver
Receiver
MCLK
VL
Input
-
1.8 V - 5 V
LRCK
VL
Input
-
1.8 V - 5 V
SCLK
VL
Input
-
1.8 V - 5 V
SDIN
VL
Input
-
1.8 V - 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com