Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3ESK7M Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3ESK7M
Description  3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3ESK7M Datasheet(HTML) 3 Page - Tyco Electronics

  3ESK7M Datasheet HTML 1Page - Tyco Electronics 3ESK7M Datasheet HTML 2Page - Tyco Electronics 3ESK7M Datasheet HTML 3Page - Tyco Electronics 3ESK7M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
90
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
SK Series
CORCOM Product Guide
Case Styles
20ESK6 & 20VSK6
Typical dimensions:
Holes: .188 [4.78] Terminals No. 8-32
Torque: 18 ± 2 in.lb
C
B
E
D
A
30ESK6 & 30VSK6
ED B
A
C
1.50
38.1
Typical dimensions:
Mounting slots: .203 x .156 [5.16x 3.96]
Torque: 27 ± 3 in.lb
Terminals (5): 10-32
40VSK6
ED B
A
C
2.00
50.5
Typical dimensions:
Mounting slots: .250 x .156 [6.35 x 3.96] Terminals No. 10-32
Torque: 27 ± 3 in.lb
30ESK6C & 30VSK6C
ED B
A
C
1.50
38.1
3 to 40 Amp High Performance K Series RFI Power Line Filters
for SMPS Emission Control (Continued)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com