Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ESK7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6ESK7
Description  3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6ESK7 Datasheet(HTML) 1 Page - Tyco Electronics

  6ESK7 Datasheet HTML 1Page - Tyco Electronics 6ESK7 Datasheet HTML 2Page - Tyco Electronics 6ESK7 Datasheet HTML 3Page - Tyco Electronics 6ESK7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3 to 40 Amp High Performance K Series RFI Power Line Filters
for SMPS Emission Control
This series of RFI filters was designed to reduce conducted
noise to acceptable limits for equipment that must comply
with the FCC specifications in the USA and CISPR
specifications in Europe.
The SK (Super K) series filters use significantly higher
element values than the general purpose K series, which
makes them better suited for equipment with line-to-ground
and line-to-line conducted emissions, including switch
mode power supplies.
The ESK models meet the very low leakage current
requirements of VDE portable equipment and (120 Volt)
UL 544 non-patient medical equipment.
Models ESK6C and VSK6C additionally incorporate a
separate ground-circuit inductor to isolate the equipment
chassis from power line ground at RF frequencies.
Specifications
Maximum leakage current,each line-to-ground
VSK Models
ESK Models
3, 6 & 10 Amps
@ 120 VAC 60 Hz:
.4 mA
.21 mA
@ 250 VAC 50 Hz:
.7 mA
.36 mA
20, 30 & 40 Amps
@120 VAC 60 Hz:
.75 mA
.3 mA
@250 VAC 50 Hz:
1.25 mA
.5 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Rated current:
3VSK/3ESK
3A
6VSK/6ESK
6A
10VSK/10ESK
10A
20VSK/20ESK
20A
30VSK/30ESK
30A
40VSK
40A
88
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
SK Series
SK Series
CORCOM Product Guide
Electrical Schematic
Resistor location for reference only.
LINE
LOAD
6C models
only
SK1
SK3
SK7
UL Recognized
CSA Certified
VDE Approved
SK1


Similar Part No. - 6ESK7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6ESK7 MACOM-6ESK7 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
6ESK7 TEC-6ESK7 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
logo
Tyco Electronics
6ESK7M MACOM-6ESK7M Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
6ESK7M TEC-6ESK7M Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
More results

Similar Description - 6ESK7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
High Performance 3-Phase RFI Power Line Filters for WYE Applications
1VDK1 MACOM-1VDK1 Datasheet
273Kb / 2P
Enhanced Performance K Series RFI Power Line Filters
3EXP MACOM-3EXP Datasheet
431Kb / 2P
PC Board Mountable RFI Power Line Filters for Emission Control Applications
1VDK1 MACOM-1VDK1_11 Datasheet
176Kb / 3P
Enhanced Differential Mode Performance K Series RFI Line Filters
3VS1 MACOM-3VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
3VSK1 MACOM-3VSK1_11 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
3VV1 MACOM-3VV1 Datasheet
208Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
logo
TE Connectivity Ltd
3VS1 TEC-3VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
3VV1 TEC-3VV1 Datasheet
208Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com