Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4EXP Datasheet(PDF) 1 Page - Tyco Electronics

Part # 4EXP
Description  PC Board Mountable RFI Power Line Filters for Emission Control Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4EXP Datasheet(HTML) 1 Page - Tyco Electronics

  4EXP Datasheet HTML 1Page - Tyco Electronics 4EXP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
X, Y, Z Series
CORCOM Product Guide
PC Board Mountable RFI Power Line Filters for Emission Control Applications
X, Y, and Z series RFI filters are compact, PC board
mountable components, designed to consume minimal
board space. They provide a choice of three levels of
performance, intended to be all the power line filter needed
for the corresponding emission control application.
X Series – designed to bring most digital equipment
(including switching power supplies) into compliance with
FCC Part 15J, Class B conducted emission limits.
Y Series – designed to bring most digital equipment
(including switching power supplies) into compliance with
EN55022, Level A, and FCC Part 15J, Class B conducted
emission limits.
Z Series – designed to bring most digital equipment
(including switching power supplies) into compliance with
EN55022, Level B (as well as FCC Part 15J, Class B)
conducted emission limits.
This high compliance confidence level is attained by
optimizing the differential mode performance of each series
for the frequency range it needs to cover in the
corresponding application. At the same time, excellent
common mode performance is maintained across the
frequency range of 10kHz to 30MHz, while still meeting the
very low leakage current requirements of SEV and VDE
portable equipment.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.30 mA
@ 250 VAC 50 Hz:
.50 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Rated current:
1EZP
60˚C
1A
2EYP/2EZP
60˚C
2A
3EXP
60˚C
3A
3EYP
55˚C
3A
3EZP
50˚C
3A
4EXP/4EYP
55˚C
4A
6EXP
55˚C
6A
Minimum insertion loss in dB:
X, Y, Z Series
UL Recognized
CSA Certified
VDE Approved
XP/YP/ZP
3EX1/3EZ1
Electrical Schematic
LINE
LOAD
Resistor location for reference only.
Line-to-ground in 50 ohm circuit
Current
Frequency–MHz
Rating
.01
.05 .15
.5
1
5
10
30
EX
3A
2
13
21
35
46
44
44
44
4A
2
13
22
38
44
44
44
38
6A
2
11
20
35
40
40
40
36
EY
2A
8
21
31
49
44
40
40
40
3A
11
24
36
43
40
40
40
40
4A
5
18
28
45
40
40
40
36
EZ
1A
18
32
43
47
44
43
43
45
2A
18
32
45
41
40
40
40
40
3A
15
29
39
43
42
40
40
40
Line-to-line in 50 ohm circuit
Current
Frequency–MHz
Rating
.02
.03 .05
.07 .15 .5
1
5
10 30
EX
3A
-
-
-
5
34 60 65
60
45
50
4A
-
-
-
10 37 70 70
70
65
55
6A
-
-
-
3
31 65 70
70
60
55
EY
2A
-
-
10
19 40
70
75
70
60
55
3A
-
-
10
20 42
68
68
67
62
50
4A
-
-
6
18 41
67
75
70
65
55
EZ
1A
7
29
34
43 62 70 70
70
60
55
2A
2
15
31
40 57 75 70
65
55
50
3A
-
10
26
34 53 75 75
70
60
55


Similar Part No. - 4EXP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4EXP MACOM-4EXP Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
logo
TE Connectivity Ltd
4EXP TEC-4EXP Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
More results

Similar Description - 4EXP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
1EBP MACOM-1EBP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
3EXP MACOM-3EXP_11 Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
3VS1 MACOM-3VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
3VSK1 MACOM-3VSK1_11 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
3VV1 MACOM-3VV1 Datasheet
208Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
logo
TE Connectivity Ltd
3EXP TEC-3EXP Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
3VS1 TEC-3VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
3VV1 TEC-3VV1 Datasheet
208Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com