Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10EJS8 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 10EJS8
Description  Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

10EJS8 Datasheet(HTML) 2 Page - Tyco Electronics

  10EJS8 Datasheet HTML 1Page - Tyco Electronics 10EJS8 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package (Continued)
Case Dimensions
AB
C
D
E
F
± .015
Part No.
(max)
(max) (max)
(max)
(ref)
± .38
1EJS1, 3EJS1
2.20
1.10
0.96
1.19
1.35
6EJS1, 10EJS1 55.88 27.94 24.38 30.10 34.21
—
15EJS1
1EJS8, 3EJS8
1.54
1.10
0.96
1.19
1.41
6EJS8, 10EJS8 39.12 27.94 24.30 30.10 35.81
—
15EJS8
20EJS1
3.13
1.35
1.18
1.46
1.42
—
79.38 34.29 29.99 37.08 36.07
20EJS8
2.63
1.35
1.18
1.46
—
.624
66.80 34.29 29.97 37.08
15.85
51
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EJS Series
CORCOM Product Guide
E
A
D
B
C
C
C
D
F
E
A
B
EJS1 (1-15 amp versions)
E
D
C
A
B
EJS8 (1-15 amp versions)
A
D
C
BLUE (NEUT)
GRN/YEL
BROWN (LINE)
B
F
4.0
101.6
Min.
20EJS8
20EJS1
Recommended Panel Cutouts
1 to 15A EJS - all terminal types
20EJS
A±.002
[.05]
R. 0.188 [4.78]
4X
0.815±.002
20.70
±.05
Panel Cutout (front mount)
1.417
35.99
0.118
3.0
1.043
26.49
R
Max.
Part Numbers
1EJS1
10EJS1
1EJS8
10EJS8
3EJS1
15EJS1
3EJS8
15EJS8
6EJS1
20EJS1*
6EJS8
20EJS8*
Line Cord No. (1-15A)
GA400
Insulating Boot (1-15A)
FA601
*UL, CSA — 20 Amp; VDE — 16 Amp
Case Styles
Panel Thickness
A Dim.±.002
0.031 - 0.052 [.79 - 1.32]
1.260 [32.00]
0.046 - 0.068 [1.17 - 1.73]
1.350 [34.29]
Tolerance ±.005 [0.13]
Panel Thickness: 0.031 to 0.047 [.79-1.19]
Panel Cutout (front mount)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com