Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2M Datasheet(PDF) 2 Page - Tyco Electronics

Part # SR2M
Description  Safety Relay SR2M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR2M Datasheet(HTML) 2 Page - Tyco Electronics

  SR2M_09 Datasheet HTML 1Page - Tyco Electronics SR2M_09 Datasheet HTML 2Page - Tyco Electronics SR2M_09 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Safety Relay SR2M (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
2 CO contacts
1 NO and 1 NC contacts
S0163-CO
S0163-BJ
S0163_CU
S0163-CV
S0273-BB
Coil versions, DC-coil (continued)
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
040
40
30.0
4.0
2286
+10%
700
048
48
36.0
4.8
3291
+12%
700
060
60
45.0
6.0
5142
+12%
700
080
80
64.0
8.5
9143
+12%
700
110
110
82.5
11.0
17285
+12%
700
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
3000 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mm
adjacent contact circuits
W 5.5 / 5.5 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
Insulation to EN 50178
Type of insulation coil-contact circuit
reinforced
adjacent contact circuits
reinforced
Other data
Mechanical endurance
10x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0407
Environment
Ambient temperature range
-25...+70 °C
Vibration resistance (function) NO / NC contact
> 10 / 2.5 g, 15....200 Hz
Shock resistance (function) NO / NC contact > 10 / 5 g, 11 ms half sine
Category of protection
RT III2)
Processing
Resistance to soldering heat
260°C / 5 s
Relay weight
20 g
Packaging unit
20 pcs
2) please contact technical support for washing parameters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com