Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR6DM Datasheet(PDF) 3 Page - Tyco Electronics

Part # SR6DM
Description  Safety Relay SR6 D/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6DM Datasheet(HTML) 3 Page - Tyco Electronics

  SR6DM Datasheet HTML 1Page - Tyco Electronics SR6DM Datasheet HTML 2Page - Tyco Electronics SR6DM Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
SCHRACK
Safety Relay SR6 D/M (Continued)
Product key
Typical product key
SR6
D
4
012
Type
SR6 Safety Relay SR6 D/M
Contact configuration
D
2 NO + 2 NC contacts (2 form A + 2 form B)
M
3 NO + 1 NC contacts (3 form A + 1 form B)
Contact material
4
AgSnO2
Coil
Coil code = rated coil voltage (e.g. 024=24 VDC)
Other types on request
Product key
Type
Contact configuration
Contact material
Coil
Part number
SR6D4012
4-pole
2 NO + 2 NC
AgSnO2
12 VDC
1415078-1
SR6D4018
safety relay
contacts
18 VDC
7-1415354-1
SR6D4021
21 VDC
8-1415353-1
SR6D4024
24 VDC
6-1415027-1
SR6D4040
40 VDC
9-1415366-1
SR6D4110
110 VDC
1415062-1
SR6M4006
3 NO + 1 NC
6 VDC
6-1415053-1
SR6M4012
contacts
12 VDC
7-1415353-1
SR6M4018
18 VDC
1415354-1
SR6M4021
21 VDC
6-1415353-1
SR6M4024
24 VDC
3-1415353-1
SR6M4110
110 VDC
1-1415354-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com