Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97R227K020LAB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T97R227K020LAB
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97R227K020LAB Datasheet(HTML) 2 Page - Vishay Siliconix

  T97R227K020LAB Datasheet HTML 1Page - Vishay Siliconix T97R227K020LAB Datasheet HTML 2Page - Vishay Siliconix T97R227K020LAB Datasheet HTML 3Page - Vishay Siliconix T97R227K020LAB Datasheet HTML 4Page - Vishay Siliconix T97R227K020LAB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T97
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40092
2
Revision: 21-Jun-10
RATINGS AND CASE CODE
F
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
75 V
10
DR
15
E/R
R
22
RF
33
F
47
RZ/N
68
R
100
150
F
220
E
R
M
330
V
E
H/F
470
V
E
E
H
680
E
E
R
1000
E/R
R
F
1500
R
2200
STANDARD RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
4 WVDC at + 85 °C, 2.7 WVDC at + 125 °C
470
V
T97V477(1)004(2)(6)(5)
19
8
30
2.2
680
E
T97E687(1)004(2)(6)(5)
27
6
25
2.9
1000
E
T97E108(1)004(2)(4)(5)
40
8
20
3.3
1000
R
T97R108(1)004(2)(4)(5)
40
8
18
3.7
1500
R
T97R158(1)004(2)(6)(5)
60
8
15
4.1
6.3 WVDC at + 85 °C, 4 WVDC at + 125 °C
330
V
T97V337(1)6R3(2)(6)(5)
21
8
38
2.0
470
E
T97E477(1)6R3(2)(6)(5)
30
6
30
2.7
680
E
T97E687(1)6R3(2)(6)(5)
43
6
25
2.9
1000
R
T97R108(1)6R3(2)(4)(5)
63
8
20
3.5
10 WVDC at + 85 °C, 7 WVDC at + 125 °C
330
E
T97E337(1)010(2)(4)(5)
33
6
35
2.5
470
E
T97E477(1)010(2)(6)(5)
47
6
28
2.8
680
R
T97R687(1)010(2)(6)(5)
68
6
28
3.0
1000
F
T97F108(1)010(2)(6)(5)
100
20
120
1.4
16 WVDC at + 85 °C, 10 WVDC at + 125 °C
220
E
T97E227(1)016(2)(4)(5)
35
8
60
2.3
470
H
T97H477(1)016(2)(4)(5)
75
14
100
1.4
20 WVDC at + 85 °C, 13 WVDC at + 125 °C
220
R
T97R227(1)020(2)(6)(5)
44
8
80
1.8
330
F
T97F337(1)020(2)(6)(5)
66
10
100
1.6
330
H
T97H337(1)020(2)(4)(5)
66
10
100
1.6
Notes
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Reliability level: A, B, S, Z
(5) Surge current: A, B, S
(6) Reliability level: S, Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com