Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16CP754CIPM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP754CIPM
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754CIPM Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL16CP754CIPM Datasheet HTML 9Page - Texas Instruments TL16CP754CIPM Datasheet HTML 10Page - Texas Instruments TL16CP754CIPM Datasheet HTML 11Page - Texas Instruments TL16CP754CIPM Datasheet HTML 12Page - Texas Instruments TL16CP754CIPM Datasheet HTML 13Page - Texas Instruments TL16CP754CIPM Datasheet HTML 14Page - Texas Instruments TL16CP754CIPM Datasheet HTML 15Page - Texas Instruments TL16CP754CIPM Datasheet HTML 16Page - Texas Instruments TL16CP754CIPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
www.ti.com
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
Table 4. Interrupt Control Functions
PRIORITY
INTERRUPT
IIR[5–0]
INTERRUPT SOURCE
INTERRUPT RESET METHOD
LEVEL
TYPE
000001
None
None
None
None
000110
1
Receiver line
OE, FE, PE, or BI errors occur in
FE < PE < BI: All erroneous characters are
status
characters in the RX FIFO
read from the RX FIFO. OE: Read LSR
001100
2
RX timeout
Stale data in RX FIFO
Read RHR
000100
2
RHR interrupt
DRDY (data ready)
Read RHR
(FIFO disable)
RX FIFO above trigger level (FIFO enable)
000010
3
THR interrupt
TFE (THR empty)
Read IIR OR a write to the THR
(FIFO disable)
TX FIFO passes above trigger level (FIFO
enable)
000000
4
Modem status
MSR[3:0]= 0
Read MSR
010000
5
Xoff interrupt
Receive Xoff character(s)/special character Receive Xon character(s)/Read of IIR
100000
6
CTS, RTS
RTS pin or CTS pin change state from
Read IIR
active (low) to inactive (high)
It is important to note that for the framing error, parity error, and break conditions, LSR[7] generates the interrupt.
LSR[7] is set when there is an error anywhere in the RX FIFO and is cleared only when there are no more errors
remaining in the FIFO. LSR[4–2] always represent the error status for the received character at the top of the Rx
FIFO. Reading the Rx FIFO updates LSR[4–2] to the appropriate status for the new character at the top of the
FIFO. If the Rx FIFO is empty, then LSR[4–2] is all zeros.
For the Xoff interrupt, if an Xoff flow character detection caused the interrupt, the interrupt is cleared by an Xon
flow character detection. If a special character detection caused the interrupt, the interrupt is cleared by a read of
the ISR.
Interrupt Mode Operation
In interrupt mode (if any bit of IER[3:0] is1), the processor is informed of the status of the receiver and transmitter
by an interrupt signal, INT. Therefore, it is not necessary to continuously poll the line status register (LSR) to see
if any interrupt needs to be serviced. Figure 5 shows interrupt mode operation.
Figure 5. Interrupt Mode Operation
Polled Mode Operation
In polled mode (IER[3:0] = 0000), the status of the receiver and transmitter can then be checked by polling the
line status register (LSR). This mode is an alternative to the interrupt mode of operation where the status of the
receiver and transmitter is automatically known by means of interrupts sent to the CPU. Figure 6 shows polled
mode operation.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com