Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97R227M020ESS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T97R227M020ESS
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97R227M020ESS Datasheet(HTML) 3 Page - Vishay Siliconix

  T97R227M020ESS Datasheet HTML 1Page - Vishay Siliconix T97R227M020ESS Datasheet HTML 2Page - Vishay Siliconix T97R227M020ESS Datasheet HTML 3Page - Vishay Siliconix T97R227M020ESS Datasheet HTML 4Page - Vishay Siliconix T97R227M020ESS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 21-Jun-10
3
T97
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Vishay Sprague
Notes
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Reliability level: A, B, S, Z
(5) Surge current: A, B, S
(6) Reliability level: S, Z
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
25 WVDC at + 85 °C, 17 WVDC at + 125 °C
68
R
T97R686(1)025(2)(4)(5)
17
6
100
1.6
150
F
T97F157(1)025(2)(4)(5)
38
8
80
1.8
220
M
T97M227M025(2)(3)(5)
55
8
100
1.6
35 WVDC at + 85 °C, 23 WVDC at + 125 °C
47
R
T97R476(1)035(2)(4)(5)
17
6
80
1.8
50 WVDC at + 85 °C, 33 WVDC at + 125 °C
15
E
T97E156(1)050(2)(4)(5)
8
6
300
0.9
15
R
T97R156(1)050(2)(4)(5)
8
6
250
1.0
22
R
T97R226(1)050(2)(4)(5)
11
6
220
1.2
33
F
T97F336(1)050(2)(3)(5)
17
6
150
1.3
47
Z
T97Z476(1)050(2)(6)(5)
24
6
240
1.4
47
N
T97N476(1)050(2)(4)(5)
24
6
150
1.4
63 WVDC at + 85 °C, 42 WVDC at + 125 °C
10
D
T97D106(1)063(2)(3)(5)
10
6
400
0.6
15
R
T97R156(1)063(2)(6)(5)
10
6
400
0.8
22
F
T97F226(1)063(2)(3)(5)
14
6
250
1.1
75 WVDC at + 85 °C, 50 WVDC at + 125 °C
10
R
T97R106(1)075(2)(6)(5)
8
6
500
0.7
STANDARD RATINGS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com