Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97R227M020CSS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T97R227M020CSS
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97R227M020CSS Datasheet(HTML) 4 Page - Vishay Siliconix

  T97R227M020CSS Datasheet HTML 1Page - Vishay Siliconix T97R227M020CSS Datasheet HTML 2Page - Vishay Siliconix T97R227M020CSS Datasheet HTML 3Page - Vishay Siliconix T97R227M020CSS Datasheet HTML 4Page - Vishay Siliconix T97R227M020CSS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T97
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40092
4
Revision: 21-Jun-10
TYPICAL CURVES
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
0.01
0.1
1
FREQUENCY
1500 µF - 4 V 'R' CASE SIZE ESR and Z vs. FREQUENCY
ESR
Z
0.01
0.1
1
FREQUENCY
ESR
Z
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
330 µF - 10 V 'E' CASE SIZE ESR and Z vs. FREQUENCY
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
FREQUENCY
ESR
Z
0.01
0.1
1
10
330 µF - 6.3 V 'V' CASE SIZE ESR and Z vs. FREQUENCY
0.01
0.1
1
FREQUENCY
ESR
Z
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
1000 µF - 6.3 V 'R' CASE SIZE ESR and Z vs. FREQUENCY
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
FREQUENCY
ESR
Z
0.01
0.1
1
10
330 µF - 6.3 V 'V' CASE SIZE ESR and Z vs. FREQUENCY
0.01
0.1
1
FREQUENCY
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
10
ESR
Z
470 µF - 4 V 'V' CASE SIZE ESR and Z vs. FREQUENCY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com