Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC-RWC-18680 Datasheet(PDF) 2 Page - Tyco Electronics

Part # CEC-RWC-18680
Description  Raychem Quadlite Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CEC-RWC-18680 Datasheet(HTML) 2 Page - Tyco Electronics

  CEC-RWC-18680 Datasheet HTML 1Page - Tyco Electronics CEC-RWC-18680 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6
Catalog 1654012
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Raychem Quadlite Cables (Continued)
Quadrax Contacts, Connectors and Cables
Product Facts
■ 100 Ohm and 150 Ohm
cables
■ Materials rated from
-85°F to + 392°F
[-65°C to +200°C]
■ Low outgassing materials
(PTFE, FEP)
■ Custom design capabilities
■ Proven technologies and
materials
■ App. Example
C130 = 97' length
= 20-30 meters
100 Ohms - 200˚C
100 Ohms - 150˚C
Raychem Part Number
CEC-RWC-18687
CEC-RWC-18664
Conductor AWG Size (19 Strand)
24
24
Conductor Material:
SCCA
SCCA
Nom. Conductor Diameter (in.):
0.0235
0.0235
Insulation Material:
FEP
FEP
Nom. Insulation OD± 0.002 (in.):
0.042
0.042
Nom. Cable OD (in.):
0.166
0.167
Nom. Cable Weight (lbs/1 kft):
24.7
22.9
Shield Material:
Flat SCC/Round SCC
Alum. MYLAR/Round TCC
Jacket Material:
FEP
FEP
Impedance ± 10% (
Ω):
100 Ohms
100 Ohms
Temp. Rating:
200˚C
150˚C
Nom. Capacitance (pF/ft):
13.0
13.0
10 MHz
100 MHz
10 MHz
100 MHz
Nom./Max. Attenuation (dB/100 Ft).
2.3/2.7
8.0/9.2
2.3/2.7
8.0/9.2
Min. NEXT (dB)
47
32
47
32
Min. SR (dB)
23
16
23
16
100 BASE-T Ethernet
Fiber Channel
150 Ohms - 200˚C
150 Ohms - 150˚C
Raychem Part Number
CEC-RWC-18684
CEC-RWC-18680
Conductor AWG Size (19 Strand)
26
26
Conductor Material:
SCCA
SCCA
Nom. Conductor Diameter (in.):
0.0235
0.0235
Insulation Material:
FEP
FEP
Nom. Insulation OD± 0.005 (in.):
0.058
0.058
Nom. Cable OD (in.):
0.200
0.201
Nom. Cable Weight (lbs/1 kft):
30.6
30.9
Shield Material:
Flat SCC/Round SCC
Alum. MYLAR/Round SCC
Jacket Material:
FEP
FEP
Impedance ± 10% (
Ω):
150 Ohms
150 Ohms
Temp. Rating:
200˚C
150˚C
Nom. Capacitance (pF/ft):
9.0
9.0
Nom./Max. Attenuation (dB/100 Ft).
531 MHz
13
13
1062 MHz
21
21
Nom. Delay Skew (ps/ft)
3
3
MYLAR is a registered trademark of
Dupont Teijin Films U.S.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com