Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481ARMZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481ARMZ Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7481ARMZ Datasheet HTML 1Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 2Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 3Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 4Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 5Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 6Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 7Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 8Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADT7481
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = −40°C to +120°C, VDD = 3.0 V to 3.6 V, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VDD
3.0
3.30
3.6
V
Average Operating Supply Current, IDD
0.0625 Conversions/Sec Rate (Note 1)
3.0
4.0
mA
Standby mode
5.0
30
mA
Undervoltage Lockout Threshold
VDD input, disables ADC, rising edge
2.55
V
Power−On−Reset Threshold
1.0
2.5
V
Temperature−To−Digital Converter
Local Sensor Accuracy (Note 2)
0°C ≤ TA ≤ +70°C
0°C ≤ TA ≤ +85°C
−40 ≤ TA ≤ +100°C
±1
±1.5
±2.5
°C
Resolution
1.0
°C
Remote Diode Sensor Accuracy (Note 2)
0°C ≤ TA ≤ +70°C, −55°C ≤ TD (Note 3) ≤ +150°C
0°C ≤ TA ≤ +85°C, −55°C ≤ TD (Note 3) ≤ +150°C
−40°C ≤ TA ≤ +100°C, −55°C ≤ TD (Note 3) ≤ +150°C
±1
±1.5
±2.5
°C
Resolution
0.25
°C
Remote Sensor Source Current
High level (Note 4)
233
mA
Low level (Note 4)
14
mA
Conversion Time
From stop bit to conversion complete (both channels)
one−shot mode with averaging switched on
73
94
ms
One−shot mode with averaging off (conversion
rate = 16, 32, or 64 conversions per second)
11
14
ms
Open−Drain Digital Outputs (THERM, ALERT/THERM2)
Output Low Voltage, VOL
IOUT = −6.0 mA
0.4
V
High Level Output Leakage Current, IOH
VOUT = VDD
0.1
1.0
mA
SMBus Interface (Notes 4 and 5)
Logic Input High Voltage, VIH
SCLK, SDATA
2.1
V
Logic Input Low Voltage, VIL
SCLK, SDATA
0.8
V
Hysteresis
500
mV
SDA Output Low Voltage, VOL
IOUT = −6.0 mA
0.4
V
Logic Input Current, IIH, IIL
−1.0
+1.0
mA
SMBus Input Capacitance,
SCLK, SDATA
5.0
pF
SMBus Clock Frequency
400
kHz
SMBus Timeout (Note 6)
User programmable
25
32
ms
SCLK Falling Edge to SDATA Valid Time
Master clocking in data
1.0
ms
1. See Table 6 for information on other conversion rates.
2. Averaging enabled.
3. Guaranteed by characterization, not production tested.
4. Guaranteed by design, not production tested.
5. See Timing Specifications section for more information.
6. Disabled by default. See the Serial Bus Interface section for details to enable it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com