Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481ARMZ-R7 Datasheet(PDF) 19 Page - ON Semiconductor

Part # ADT7481ARMZ-R7
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481ARMZ-R7 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button ADT7481ARMZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7481ARMZ-R7 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADT7481
http://onsemi.com
19
Application Circuit
Figure 22 shows a typical application circuit for the
ADT7481, using discrete sensor transistors. The pullups on
SCLK, SDATA, and ALERT are required only if they are not
already provided elsewhere in the system.
The SCLK and SDATA pins of the ADT7481 can be
interfaced directly to the SMBus of an I/O controller, such
as the Intel
® 820 chipset.
Figure 22. Typical Application Circuit
5.0 V or 12 V
SMBUS
CONTROLLER
FAN CONTROL
CIRCUIT
2N3904/06
OR
CPU THERMAL
DIODE
D1+
D1–
D2+
D2–
VDD
SCLK
SDATA
ALERT
THERM
GND
ADT7481
0.1mF
VDD
TYP 10kW
FAN ENABLE
3.0 to 3.6 V
TYP 10kW
ORDERING INFORMATION
Device Order Number*
Package Type
Shipping†
Branding
SMBus Address
ADT7481ARMZ
10-Lead MSOP
50 Tube
T08
4C
ADT7481ARMZ-REEL
10-Lead MSOP
3000 Tape & Reel
T08
4C
ADT7481ARMZ-R7
10-Lead MSOP
1000 Tape & Reel
T08
4C
ADT7481ARMZ-001
10-Lead MSOP
50 Tube
T0M
4B
ADT7481ARMZ-1RL
10-Lead MSOP
3000 Tape & Reel
T0M
4B
ADT7481ARMZ-1R7
10-Lead MSOP
1000 Tape & Reel
T0M
4B
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*The “Z’’ suffix indicates Pb−Free package available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com