Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBD Datasheet(PDF) 2 Page - Schurter Inc.

Part # FMBD
Description  2-stage filter for 3-phase systems with neutral conductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBD Datasheet(HTML) 2 Page - Schurter Inc.

  FMBD Datasheet HTML 1Page - Schurter Inc. FMBD Datasheet HTML 2Page - Schurter Inc. FMBD Datasheet HTML 3Page - Schurter Inc. FMBD Datasheet HTML 4Page - Schurter Inc. FMBD Datasheet HTML 5Page - Schurter Inc. FMBD Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image

3-Phase Filters
FMBD NEO
www.schurter.com/pg80
EMC Products
Dimensions
Case 2A
max. 155
(120)
max. 115
3x11.5=(34.5)
M6x14; 3-4 Nm
14
80±0.3
6.5
(4x)
±0.3
4mm2; 0.5-0.6 Nm
1)
2)
1) Line
2) Load
Case 2B
max. 165
(130)
max. 125
3x23=(69)
M6x14; 3-4 Nm
14
90 ±0.3
(4x)
6.5
10mm2 ; 1.5-1.8 Nm
1)
2)
1) Line
2) Load



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com