Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56F8014_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8014_08 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Product Documentation
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
13
1.7 Product Documentation
The documents listed in Table 1-1 are required for a complete description and proper design with the
56F8014. Documentation is available from local Freescale distributors, Freescale Semiconductor sales offices,
Freescale Literature Distribution Centers, or online at:
http://www.freescale.com
Table 1-1 56F8014 Chip Documentation
1.8 Data Sheet Conventions
This data sheet uses the following conventions:
Topic
Description
Order Number
DSP56800E
Reference Manual
Detailed description of the 56800E family architecture,
16-bit Digital Signal Controller core processor, and the
instruction set
DSP56800ERM
56F801X Peripheral
Reference Manual
Detailed description of peripherals of the 56F801X
family of devices
MC56F8000RM
56F801x Serial
Bootloader User Guide
Detailed description of the Serial Bootloader in the
56F801x family of devices
56F801xBLUG
56F8014
Technical Data Sheet
Electrical and timing specifications, pin descriptions,
and package descriptions (this document)
MC56F8014
56F8014
Errata
Details any chip issues that might be present
MC56F8014E
OVERBAR
This is used to indicate a signal that is active when pulled low. For example, the RESET pin is
active when low.
“asserted”
A high true (active high) signal is high or a low true (active low) signal is low.
“deasserted”
A high true (active high) signal is low or a low true (active low) signal is high.
Examples:
Signal/Symbol
Logic State
Signal State
Voltage1
1. Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com