Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56L307 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # DSP56L307
Description  24-Bit Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56L307 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  DSP56L307 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56L307 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Freescale Semiconductor
Technical Data Advance Information
DSP56L307
Rev. 6, 2/2005
© Freescale Semiconductor, Inc., 2001, 2005. All rights reserved.
DSP56L307
24-Bit Digital Signal Processor
The Freescale DSP56L307, a member of the DSP56300 DSP family, supports network applications with general filtering
operations. The Enhanced Filter Coprocessor (EFCOP) executes filter algorithms in parallel with core operations, enhancing
signal quality with no impact on channel throughput or total channels supported. The result is increased overall performance.
Like the other DSP56300 family members, the DSP56L307 uses a high-performance, single-clock-cycle-per- instruction
engine (DSP56000 code-compatible), a barrel shifter, 24-bit addressing, an instruction cache, and a direct memory access
(DMA) controller (see Figure 1). The DSP56L307 performs at up to 160 million multiply-accumulates per second (MMACS),
attaining up to 320 MMACS when the EFCOP is in use. It operates with an internal 160 MHz clock with a 1.8 volt core and
independent 3.3 volt input/output (I/O) power.
Figure 1. DSP56L307 Block Diagram
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB
MODC/IRQC
13
MODD/IRQD
DSP56300
6
16
24-Bit
24
18
DDB
DAB
Peripheral
Core
Expansion Area
6
5
3
RESET
MODA/IRQA
PINIT/NMI
EXTAL
XTAL
Address
Control
Data
Address
Generation
Unit
Six Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24 + 56 →56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Management
External
Bus
Interface
and
I - Cache
Control
Memory Expansion Area
DE
Program
RAM
16 K
× 24 bits
X Data
RAM
24 K
× 24 bits
Y Data
RAM
24 K
× 24 bits
External
Address
Bus
Switch
SCI
EFCOP
ESSI
HI08
Triple
Timer
or
15 K
× 24 bits
Instruction
Cache
1024
× 24 bits
Bootstrap
ROM
PCAP
and
OnCE™
JTAG
PLL
Clock
Generator
Internal
Data
Bus
Switch
External
Data
Bus
Switch
The DSP56L307 is intended
for applications requiring a
large amount of internal
memory, such as networking
and wireless infrastructure
applications. The EFCOP
can accelerate general
filtering applications, such as
echo-cancellation
applications, correlation, and
general-purpose convolution-
based algorithms.
What’s New?
Rev. 6 includes the following
changes:
• Adds lead-free packaging and
part numbers.
Note: This document contains information on a new product. Specifications and information herein are subject to change without notice.


Similar Part No. - DSP56L307

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56L307D MOTOROLA-DSP56L307D Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56L307UM MOTOROLA-DSP56L307UM Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
More results

Similar Description - DSP56L307

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com