Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C01 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CAT24C01
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C01 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CAT24C01 Datasheet HTML 8Page - ON Semiconductor CAT24C01 Datasheet HTML 9Page - ON Semiconductor CAT24C01 Datasheet HTML 10Page - ON Semiconductor CAT24C01 Datasheet HTML 11Page - ON Semiconductor CAT24C01 Datasheet HTML 12Page - ON Semiconductor CAT24C01 Datasheet HTML 13Page - ON Semiconductor CAT24C01 Datasheet HTML 14Page - ON Semiconductor CAT24C01 Datasheet HTML 15Page - ON Semiconductor CAT24C01 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
http://onsemi.com
15
Example of Ordering Information
CAT24C01/02/04/08/16 MATURE PRODUCT
Prefix
Device #
Suffix
Company ID
CAT
24C16
Y
Product Number
24C01
I
− G
Package
I = Industrial (−40°C to +85°C)
E = Extended (−40°C to +125°C)
Temperature Range
L: PDIP
W: SOIC, JEDEC
Y: TSSOP
Z: MSOP (Note 12)
VP2: TDFN (2 x 3 mm)
TD: TSOT−23
Lead Finish
G: NiPdAu
Blank: Matte−Tin
T: Tape & Reel
3: 3000 Units / Reel
24C02
24C04
24C08
24C16
Tape & Reel (Note 16)
T3 (Note 11)
CAT24C02 NEW PRODUCT
Prefix
Device #
Suffix
Company ID
CAT
24C02
W
Product Number
24C02
I
− GT3
Package
I = Industrial (−40°C to +85°C)
E = Extended (−40°C to +125°C)
Temperature Range
L: PDIP
W: SOIC, JEDEC
Y: TSSOP
Z: MSOP (Note 12)
VP2: TDFN (2 x 3 mm) (Note 14)
TD: TSOT−23
Lead Finish
G: NiPdAu
Blank: Matte−Tin
T: Tape & Reel
3: 3000 Units / Reel
Tape & Reel (Note 16)
Die Identifier
A (Note 13)
9. All packages are RoHS−compliant (Lead−free, Halogen−free).
10.The standard lead finish is NiPdAu.
11. The device used in the above example is a CAT24C16YI−GT3 (TSSOP, Industrial Temperature, NiPdAu, Tape & Reel, 3,000/Reel).
12.For availability, please contact your nearest ON Semiconductor Sales Office.
13.The CAT24C02 new product orderable part number requires the letter “A” added at the end of the OPN.
14.For the TDFN (VP2) package CAT24C02 new product, there is NO hyphen in the orderable part number (example:
CAT24C02VP2IGT3A).
15.For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
16.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com