Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909CMS-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6909CMS-PBF
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909CMS-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6909CMS-PBF Datasheet HTML 1Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 2Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 3Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 4Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 5Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 6Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 7Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 8Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC6909
2
6909f
Supply Voltage (V+A) to GND......................................6V
Supply Voltage (V+D) to GND......................................6V
Maximum Voltage
on Any Pin ................ (GND – 0.3V) ≤ VPIN ≤ (V+ + 0.3V)
Operating Temperature Range (Note 2)
LTC6909C ............................................ –40°C to 85°C
LTC6909I.............................................. –40°C to 85°C
LTC6909H .......................................... –40°C to 125°C
Specified Temperature Range (Note 3)
LTC6909C ................................................ 0°C to 70°C
LTC6909I.............................................. –40°C to 85°C
LTC6909H .......................................... –40°C to 125°C
Junction Temperature........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C or as noted. Test conditions are V+ = V+A = V+D = 2.7V to 5.5V, RL = 5k,
CL = 5pF unless otherwise noted. The modulation is turned off (MOD is connected to OUT1) and PH = 8 unless otherwise specified.
RSET is defined as the resistor connected from the SET pin to the V+A pin.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔfMASTER Frequency Accuracy (Notes 4, 5)
V+ = 5V
PH = 3
500kHz ≤ fMASTER ≤ 10MHz
500kHz ≤ fMASTER ≤ 10MHz
100kHz ≤ fMASTER < 500kHz
10MHz ≤ fMASTER ≤ 20MHz
●
●
●
±1
±2.5
±3
±3.5
±2.5
±3
±4.5
±3.5
%
%
%
%
V+ = 2.7V
PH = 3
500kHz ≤ fMASTER ≤ 10MHz
500kHz ≤ fMASTER ≤ 10MHz
100kHz ≤ fMASTER < 500kHz
●
●
±0.5
±2
±2.5
±2.5
±3
±4.5
%
%
%
ΔfOUT/ΔT
Frequency Drift Over Temperature
RSET = 100k
●
±0.004
%/°C
ΔfOUT/ΔV
+
Frequency Drift Over Supply
V+ = 4.5V to 5.5V, RSET = 100k
V+ = 2.7V to 3.6V, RSET = 100k
●
●
0.4
0.04
0.9
0.35
%/V
%/V
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6909CMS#PBF
LTC6909CMS#TRPBF
6909
16-Lead Plastic MSOP
0°C to 70°C
LTC6909IMS#PBF
LTC6909IMS#TRPBF
6909
16-Lead Plastic MSOP
–40°C to 85°C
LTC6909HMS#PBF
LTC6909HMS#TRPBF
6909
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
1
2
3
4
5
6
7
8
V+A
GND
PH0
PH1
OUT1
OUT2
OUT3
OUT4
16
15
14
13
12
11
10
9
SET
PH2
MOD
V+D
OUT8
OUT7
OUT6
OUT5
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 125°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com