Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3FSM5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ST3FSM5
Description  Accessories Slim Interface Relay SNR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ST3FSM5 Datasheet(HTML) 1 Page - Tyco Electronics

  ST3FSM5 Datasheet HTML 1Page - Tyco Electronics ST3FSM5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Accessories Slim Interface Relay SNR
I
I Module width 6.2 mm
I
I Reduced system width for increased packing density on the
DIN rail
I
I DC and AC version
I
I Electrical indicator as standard (LED)
I
I Protection circuit
I
I Screw- or cage clamp terminals
I
I Jumper bars
I
I RoHS compliant (Directive 2002/95/EC)
Approvals
V REG.-Nr. 6666, Z E224918
Technical data
ST3F / ST4F
Rated current
6 A
Rated voltage / max.switching voltage AC
240 / 400 VAC
Dielectric strength coil-contact circuit
4000 Vrms
Clearance / creepage coil-contact circuit
W 6/8 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
compliant
Degree of protection DIN 40050
IP20
Ambient temperature range
-20...+55 °C
Terminals
screw / cage clamp
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.6 Nm
Wire cross section
single wire
0.14...2.5 mm2
fine wire
0.14...2.5 mm2
with bootlace crimp (DIN 46228/1)
0.14...2.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0 mm, dense packing
Weight
26 g
Packaging unit
10 pcs
Sockets
Product code
Part Number
ST 3F LC4
Din-rail socket 24VDC, for relays 12 / 24 / 48 VDC,
2-1416100-0
with LED, protection and polarity diode, screw terminals
ST 3F SM5
Din-rail socket 115 VAC / VDC with LED and
2-1416100-1
protection circuit, screw terminals
ST 3F TP0
Din-rail socket 230 VAC / VDC with LED and
2-1416100-2
protection circuit, screw terminals
ST 4F LC4
Din-rail socket 24VDC, for relays 12 / 24 / 48 VDC,
2-1416100-3
with LED, protection and polarity diode,
cage clamp terminals
ST 4F SM5
Din-rail socket 115 VAC / VDC with LED and
2-1416100-4
protection circuit, cage clamp terminals
ST 4F TP0
Din-rail socket 230 VAC / VDC with LED and
2-1416100-5
protection circuit, cage clamp terminals
F0260-A
Version with
Version with
screw terminals
cage clamp terminals
S0487-AA
S0487-AA


Similar Part No. - ST3FSM5

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST3 E-SWITCH-ST3 Datasheet
120Kb / 1P
Heavy Duty Rating with UL Approvals, RATING: 24A 125VAC [cULus]
logo
Superworld Electronics
ST3-10 SUPERWORLD-ST3-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST3-10B11 PULSE-ST3-10B11 Datasheet
159Kb / 1P
Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST3-10B11 PULSE-ST3-10B11 Datasheet
159Kb / 1P
Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
ST3-12 SUPERWORLD-ST3-12 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - ST3FSM5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
Tyco Electronics
SNR MACOM-SNR_06 Datasheet
176Kb / 3P
Slim PCB Relay SNR
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1416100-0 MACOM-2-1416100-0 Datasheet
119Kb / 2P
Accessories Slim Interface Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
Slimline PCB Relay SNR
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com