Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3FTP0 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ST3FTP0
Description  Accessories Slim Interface Relay SNR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ST3FTP0 Datasheet(HTML) 2 Page - Tyco Electronics

  ST3FTP0 Datasheet HTML 1Page - Tyco Electronics ST3FTP0 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Accessories Slim Interface Relay SNR (Continued)
Accessories
Product code
Part Number
ST 36 040
Separation element
2-1416100-6
ST 37 001
Jumper bar, red, 500 mm
2-1416100-7
ST 37 002
Jumper bar, blue, 500 mm
2-1416100-8
ST 37 003
Jumper bar, grey, 500 mm
2-1416100-9
ST 37 040
Marking plate, consisting of 100 marking tabs
4-1416100-0
Relay Packages
Complete packages consisting of a relay mounted on a socket: see Relay Package SNR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com