Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P4A Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC05P4A
Description  SPECIFICATION (General Release)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P4A Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC05P4A Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05P4A Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
GENERAL RELEASE SPECIFICATION
7-2
Rev. 2.0
In master mode, the format is identical except that the SCK pin is an output and
the shift clock now originates internally. The master mode transmission frequency
is fixed at E/4.
7.1.2 Serial Data Out (SDO)
A mask programmable option will be included to allow data to be transmitted in
either MSB first format or LSB first format. In either case, the state of the SDO pin
always will reflect the value of the first bit received on the previous transmission if
there was one. Prior to enabling the SIOP, PB5 can be initialized to determine the
beginning state if necessary. While the SIOP is enabled, PB5 can not be used as
a standard output since that pin is coupled to the last stage of the serial shift
register. On the first falling edge of SCK, the first data bit to be shifted out is
presented to the output pin.
7.1.3 Serial Data In (SDI)
The SDI pin becomes an input as soon as the SIOP is enabled. New data may be
presented to the SDI pin on the falling edge of SCK. Valid data must be present at
least 100 ns before the rising edge of the clock and remain valid for 100 ns after
the edge.
SDO
BIT 1
BIT 2
BIT 3
BIT 7
SCK
BIT 8
SDI
BIT 1
BIT 2
BIT 3
BIT 7
BIT 8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com