Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT521
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT521 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT521 Datasheet HTML 1Page - ON Semiconductor CAT521 Datasheet HTML 2Page - ON Semiconductor CAT521 Datasheet HTML 3Page - ON Semiconductor CAT521 Datasheet HTML 4Page - ON Semiconductor CAT521 Datasheet HTML 5Page - ON Semiconductor CAT521 Datasheet HTML 6Page - ON Semiconductor CAT521 Datasheet HTML 7Page - ON Semiconductor CAT521 Datasheet HTML 8Page - ON Semiconductor CAT521 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Not Recommended for New Design
CAT521
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-2003 Rev. I
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage*
VDD to GND
-0.5 to +7
V
Inputs
CLK to GND
-0.5 to VDD +0.5
V
CS to GND
-0.5 to VDD +0.5
V
DI to GND
-0.5 to VDD +0.5
V
RDY/BSY
¯¯¯¯ to GND -0.5 to VDD +0.5
V
PROG to GND
-0.5 to VDD +0.5
V
VREFH to GND
-0.5 to VDD +0.5
V
VREFL to GND
-0.5 to VDD +0.5
V
Parameters
Ratings
Units
Outputs
D0 to GND
-0.5 to VDD +0.5
V
VOUT 1– 4 to GND
-0.5 to VDD +0.5
V
Operating Ambient Temperature
Commercial
(‘C’ or Blank suffix)
0 to +70
°C
Industrial (‘I’ suffix)
-40 to +85
°C
Junction Temperature
+150
°C
Storage Temperature
-65 to +150
°C
Lead Soldering (10 sec max)
+300
°C
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Max
Units
VZAP
(2)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(2)(3)
Latch-Up
JEDEC Standard 17
100
mA
POWER SUPPLY
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD1
Supply Current (Read)
Normal Operating
—
400
600
µA
IDD2
Supply Current (Write)
Programming, VDD = 5V
—
1600
2500
µA
VDD = 3V
—
1000
1600
µA
VDD
Operating Voltage Range
2.7
—
5.5
V
LOGIC INPUTS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VDD
—
—
10
µA
IIL
Input Leakage Current
VIN = 0V
—
—
-10
µA
VIH
High Level Input Voltage
2
—
VDD
V
VIL
Low Level Input Voltage
0
—
0.8
V
LOGIC OUTPUTS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High Level Output Voltage
IOH = -40µA
VDD -0.3
—
—
V
VIL
Low Level Output Voltage
IOL = 1 mA, VDD = +5V
—
—
0.4
V
IOL = 0.4 mA, VDD = +3V
—
—
0.4
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com