Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC8080 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # MOC8080
Description  PHOTODARLINGTON OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MOC8080 Datasheet(HTML) 1 Page - QT Optoelectronics

  MOC8080 Datasheet HTML 1Page - QT Optoelectronics MOC8080 Datasheet HTML 2Page - QT Optoelectronics MOC8080 Datasheet HTML 3Page - QT Optoelectronics MOC8080 Datasheet HTML 4Page - QT Optoelectronics MOC8080 Datasheet HTML 5Page - QT Optoelectronics MOC8080 Datasheet HTML 6Page - QT Optoelectronics MOC8080 Datasheet HTML 7Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DESCRIPTION
The CNX48U, H11BX, MOC8080 and TIL113 have a
gallium arsenide infrared emitter optically coupled to a
silicon planar photodarlington.
PHOTODARLINGTON OPTOCOUPLERS
CNX48U
H11B1
H11B2
H11B255
H11B3
MOC8080 TIL113
APPLICATIONS
• Low power logic circuits
• Telecommunications equipment
• Portable electronics
• Solid state relays
• Interfacing coupling systems of different potentials and impedances.
6/1/00
200042A
FEATURES
• High sensitivity to low input drive current
• Meets or exceeds all JEDEC Registered Specifications
• VDE 0884 approval available as a test option
-add option .300. (e.g., H11B1.300)
6
1
6
1
6
1
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 BASE
N/C
SCHEMATIC
Parameter
Symbol
Device
Value
Units
TOTAL DEVICE
TSTG
All
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
All
-55 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
All
250
mW
Derate above 25°C
3.3
mW/°C
EMITTER
IF
All
100
mA
Continuous Forward Current
Reverse Voltage
VR
All
6
V
Forward Current - Peak (300 µs, 2% Duty Cycle)
IF(pk)
All
3.0
A
LED Power Dissipation @ TA = 25°C
PD
All
100
mW
Derate above 25°C
1.8
mW/°C
DETECTOR
CNX48U, TIL113
30
H11B1, H11B2
25
Collector-Emitter Breakdown Voltage
BVCEO
H11B3
V
H11B255
55
MOC8080
CNX48U, H11B1
H11B2, H11B3
30
V
Collector-Base Breakdown Voltage
BVCBO
TIL113
H11B255
55
V
MOC8080
Emitter-Collector Breakdown Voltage
BVECO
All
7
V
Detector Power Dissipation @ TA = 25°C
PD
All
150
mW
Derate above 25°C
2.0
mW/°C


Similar Part No. - MOC8080

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8080 MOTOROLA-MOC8080 Datasheet
194Kb / 6P
6-Pin DIP Optoisolators Darlington Output
logo
Fairchild Semiconductor
MOC8080 FAIRCHILD-MOC8080 Datasheet
158Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
MOC8080 FAIRCHILD-MOC8080 Datasheet
164Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
More results

Similar Description - MOC8080

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11B815 QT-H11B815 Datasheet
53Kb / 4P
4-PIN PHOTODARLINGTON OPTOCOUPLERS
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
PHOTODARLINGTON OPTOCOUPLERS Preliminary
logo
Fairchild Semiconductor
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
High Voltage Photodarlington Optocouplers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com