Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1021 Datasheet(PDF) 21 Page - ON Semiconductor

Part # CAT1021
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1021 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button CAT1021 Datasheet HTML 13Page - ON Semiconductor CAT1021 Datasheet HTML 14Page - ON Semiconductor CAT1021 Datasheet HTML 15Page - ON Semiconductor CAT1021 Datasheet HTML 16Page - ON Semiconductor CAT1021 Datasheet HTML 17Page - ON Semiconductor CAT1021 Datasheet HTML 18Page - ON Semiconductor CAT1021 Datasheet HTML 19Page - ON Semiconductor CAT1021 Datasheet HTML 20Page - ON Semiconductor CAT1021 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
CAT1021, CAT1022, CAT1023
ON Semiconductor
and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to
any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer
purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and
distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone:
303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax:
303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email:
orderlit@onsemi.com
N. American Technical Support
: 800-282-9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center:
Phone: 81-3-5773-3850
ON Semiconductor Website: www.onsemi.com
Order Literature:
http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
© 2009 SCILLC. All rights reserved.
21
Doc. No. MD-3009 Rev. P
Characteristics subject to change without notice
REVISION HISTORY
Date
Rev.
Reason
25-Sep-03
F
Added Green Package logo
Updated DC Operating Characteristic notes
Updated Reliability Characteristics notes
7-Nov-03
G
Eliminated Automotive temperature range
Updated Ordering Information with “Green” package codes
Updated Reset Circuit AC Characteristics
4-Dec-04
H
Eliminated data sheet designation
Updated Reel Ordering Information
11-Jan-04
I
Eliminated 8-pad TDFN package (3 x 4.9 mm)
Changed SOIC package designators
Added package outlines
11-Apr-04
J
Update Pin Configuration
11-Nov-04
K
Update Feature
Update Description
Update DC Operating Characteristic
Update AC Characteristics
3-Feb-07
L
Update Example of Ordering Information
28-Nov/07
M
Update Package Outline Drawings
Update Example of Ordering Information
Add “MD-“ to document number
3-Nov-08
N
Change logo and fine print to ON Semiconductor
5-Mar-09
O
Update Ordering Information (Remove 2,000/Reel)
14-Jul-09
P
Update Ordering Information table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com