Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603HV2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT3603HV2
Description  3-Channel LED Driver in 3 x 3 mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3603HV2 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT3603HV2 Datasheet HTML 1Page - ON Semiconductor CAT3603HV2 Datasheet HTML 2Page - ON Semiconductor CAT3603HV2 Datasheet HTML 3Page - ON Semiconductor CAT3603HV2 Datasheet HTML 4Page - ON Semiconductor CAT3603HV2 Datasheet HTML 5Page - ON Semiconductor CAT3603HV2 Datasheet HTML 6Page - ON Semiconductor CAT3603HV2 Datasheet HTML 7Page - ON Semiconductor CAT3603HV2 Datasheet HTML 8Page - ON Semiconductor CAT3603HV2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT3603
http://onsemi.com
4
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, IOUT = 60 mA (3 LEDs at 20 mA), C1 = C2 = CIN = COUT = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 2. Efficiency vs. Input Voltage
(3 LEDs on)
Figure 3. Efficiency vs. Total LED Current
(3 LEDs)
INPUT VOLTAGE (V)
LED CURRENT (mA)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
40
50
60
70
80
90
100
100
80
60
40
20
0
40
50
60
70
80
90
100
Figure 4. Quiescent Current vs. Input Voltage
(1x Mode)
Figure 5. Quiescent Current vs. Temperature
(1x Mode)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
0.2
0.4
0.6
0.8
120
80
40
0
−40
0
0.2
0.4
0.6
0.8
Figure 6. Quiescent Current vs. Input Voltage
(1.5x Mode)
Figure 7. Quiescent Current vs. Temperature
(1.5x Mode)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
1.0
2.0
3.0
4.0
5.0
6.0
120
80
40
0
−40
0
1.0
2.0
3.0
4.0
5.0
6.0
1x Mode
1.5x Mode
20 mA per LED
15 mA per LED
VIN = 4 V (1x Mode)
VIN = 3.2 V (1.5x Mode)
LEDs Off
LEDs Off
LEDs Off
LEDs Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com