Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT23 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SOT23
Description  OUTLINE AND MECHANICAL DATA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOT23 Datasheet(HTML) 1 Page - STMicroelectronics

  SOT23 Datasheet HTML 1Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23
OUTLINE AND
MECHANICAL DATA
®
0.9
0.035
0.9
0.035
1.9
0.075
mm
inch
1.45
0.037
0.9
0.035
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.6
0.047
0.063
H
2.1
2.75
0.083
0.108
L
0.6 typ.
0.024 typ.
S
0.35
0.65
0.014
0.026
B
E
S
e
e1
A
D
c
L
H
A1
January 1999
0053390E


Similar Part No. - SOT23

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOT23 STMICROELECTRONICS-SOT23 Datasheet
60Kb / 7P
LOW VOLTAGE 4ohm SPDT SWITCH
Jun-2000
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
Thermal Resistance and Derating Information
logo
Welwyn Components Limit...
SOT23 WELWYN-SOT23 Datasheet
86Kb / 2P
Surface Mount Divider Network
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
167Kb / 3P
Surface mounted, 3 pin package
logo
Diodes Incorporated
SOT23 DIODES-SOT23 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
More results

Similar Description - SOT23

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
MECHANICAL DATA
AGM1232D AZDISPLAYS-AGM1232D Datasheet
580Kb / 12P
MECHANICAL DATA
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
MECHANICAL DATA
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
MECHANICAL DATA
logo
AZ Displays
AGM3224F AZDISPLAYS-AGM3224F Datasheet
835Kb / 13P
MECHANICAL DATA
AGM3224F AZDISPLAYS-AGM3224F_1 Datasheet
796Kb / 12P
MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
MECHANICAL DATA
logo
ON Semiconductor
ULLGA8 ONSEMI-ULLGA8 Datasheet
40Kb / 2P
MECHANICAL CASE OUTLINE
08 FEB 2008
logo
Seme LAB
1N3893 SEME-LAB-1N3893 Datasheet
17Kb / 1P
MECHANICAL DATA
logo
Bel Fuse Inc.
S553-6500-D4-F BEL-S553-6500-D4-F Datasheet
715Kb / 2P
MECHANICAL OUTLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com