Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA015_10 Datasheet HTML 35Page - STMicroelectronics STA015_10 Datasheet HTML 36Page - STMicroelectronics STA015_10 Datasheet HTML 37Page - STMicroelectronics STA015_10 Datasheet HTML 38Page - STMicroelectronics STA015_10 Datasheet HTML 39Page - STMicroelectronics STA015_10 Datasheet HTML 40Page - STMicroelectronics STA015_10 Datasheet HTML 41Page - STMicroelectronics STA015_10 Datasheet HTML 42Page - STMicroelectronics STA015_10 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
39/56
STA015
hancement is going to perform.
For example, in case of a 0 dB signal (max. level) only attenuation would be possible. If enhancement is
desired, the signal has to be attenuated accordingly before in order to reserve a margin in dB.
An increment of a decimal unit corresponds to a Tone Attenuation step of 1.5dB.
ANCILLARY DATA BUFFER
Address: 0x7E - 0xB5 (126 - 181)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
The STA015 contains 56 consecutive 8-bit registers corresponding to the maximum number of ancillary
data that may be contained in MPEG frame.
The ANCCOUNT_L and ANCOUNT_H registers contain the number of ancillary data bits available within
the current MPEG frame.
To perform ancillary data reading a status register (0xB6 - INTERRUPT_STATUS_REGISTER) is avail-
able: bit 0 of this register should be polled by the microcontroller in order to understand when new data
are available.
ISR
Address: 0xB6 (182)
Type: R/W
Software Reset: 0x00
MSB
LSB
ATTENUATION
b7
b6
b5
b4
b3
b2
b1
b0
1.5dB step
0
0
0
000
00
0dB
0
0
0
000
01
-1.5dB
0
0
0
010
10
3dB
0
0
0
000
11
4.5dB
:
:
0
0
0
010
10
-15
0
0
0
010
11
-16.5
0
0
0
011
00
-18
0x7E
ANC_DATA_1
.......
.......
.......
.......
.......
.......
0xB5
ANC_DATA_56
0xB6
ISR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com