Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FND310C Datasheet(PDF) 1 Page - QT Optoelectronics

Part # FND310C
Description  0.362-INCH 7-SEGMENT DISPLAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

FND310C Datasheet(HTML) 1 Page - QT Optoelectronics

  FND310C Datasheet HTML 1Page - QT Optoelectronics FND310C Datasheet HTML 2Page - QT Optoelectronics FND310C Datasheet HTML 3Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - FND310C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FND310C FAIRCHILD-FND310C Datasheet
334Kb / 4P
HIGH EFFICIENCY RED
More results

Similar Description - FND310C

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD5621CD LIGHTKEY-LD5621CD Datasheet
167Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
0.80 inch Four Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
1.00 inch Single Digit 7 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
2.30 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com