Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002CF Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSA1002CF
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002CF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSA1002CF Datasheet HTML 5Page - STMicroelectronics TSA1002CF Datasheet HTML 6Page - STMicroelectronics TSA1002CF Datasheet HTML 7Page - STMicroelectronics TSA1002CF Datasheet HTML 8Page - STMicroelectronics TSA1002CF Datasheet HTML 9Page - STMicroelectronics TSA1002CF Datasheet HTML 10Page - STMicroelectronics TSA1002CF Datasheet HTML 11Page - STMicroelectronics TSA1002CF Datasheet HTML 12Page - STMicroelectronics TSA1002CF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
9/20
Static parameter: Integral Non Linearity
Fs=50MSPS; Fin=1MHz; Icc=20mA; N=131072pts
Static parameter: Differential Non Linearity
Fs=50MSPS; Fin=1MHz;Icc=20mA;N=131072pts
Linearity vs. Fs
Fin=5MHz; Rpol adjustment
Distortion vs. Fs
Fin=5MHz; Rpol adjustment
-0 .8
-0 .6
-0 .4
-0 .2
0
0.2
0.4
0.6
0.8
0
2 00
4 0 0
60 0
8 00
1 0 0 0
O u t put C ode
-0 . 5
-0 . 4
-0 . 3
-0 . 2
-0 . 1
0
0. 1
0. 2
0. 3
0. 4
0. 5
0
2 0 0
4 0 0
600
800
1 000
O u t put Cod e
30
40
50
60
70
80
90
100
25
35
45
55
Fs (MHz)
4
5
6
7
8
9
10
ENOB
SNR
SINAD
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
25
35
45
55
Fs (MHz)
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com