Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002CFT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSA1002CFT
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002CFT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSA1002CFT Datasheet HTML 12Page - STMicroelectronics TSA1002CFT Datasheet HTML 13Page - STMicroelectronics TSA1002CFT Datasheet HTML 14Page - STMicroelectronics TSA1002CFT Datasheet HTML 15Page - STMicroelectronics TSA1002CFT Datasheet HTML 16Page - STMicroelectronics TSA1002CFT Datasheet HTML 17Page - STMicroelectronics TSA1002CFT Datasheet HTML 18Page - STMicroelectronics TSA1002CFT Datasheet HTML 19Page - STMicroelectronics TSA1002CFT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
19/20
Figure 13: Printed circuit of evaluation board
Printed circuit board - List of components
P a rt
D e s ign Foot print
P a rt
D e s ign Foo tprint
P a rt
D e s ign F oot print
P a rt
D e s ign
Foot print
Type
at o r
Type
at o r
Type
ato r
Type
at o r
10 uF
C 2 4
12 10
3 3 0 pF
C 33
60 3
470 nF
C 7
8 0 5
A V C C
J 12
F IC H E 2M M
10 uF
C 2 3
12 10
3 3 0 pF
C 20
60 3
470 nF
C 16
8 05
C LJ / S M B
J 4
S M B / H
10 uF
C 4 1
12 10
3 3 0 pF
C 8
6 0 3
4 7 0 nF
C19
8 0 5
AG ND
J 19
F ICHE 2 M M
10 uF
C 2 9
12 10
33 0pF
C 2
6 03
4 7 0 nF
C 3
80 5
D F S B
J 9
F IC H E 2 M M
10 0 pF
C 1
6 0 3
33 0pF
C 5
6 03
47K
Ω
R12
6 0 3
DG ND
J 2 0
F ICHE 2 M M
10 nF
C 12
6 0 3
33 0pF
C 11
6 0 3
47K
Ω
R14
6 0 3
DV CC
J 15
F ICHE 2 M M
10 nF
C 3 9
6 0 3
33 0pF
C 3 0
6 0 3
47K
Ω
R11
6 0 3
G ndB 1
J 2 2
F ICHE 2 M M
10 nF
C 15
6 0 3
33 0pF
C 17
6 0 3
47K
Ω
Ra j1
V R 5
G ndB 2
J 2 1
F ICHE 2 M M
10 nF
C 4 0
6 0 3
33 0pF
C 14
6 0 3
47K
Ω
R 10
6 03
M e s c o m mo de J8
F IC H E 2M M
10 nF
C 2 7
6 0 3
4 7 uF
C3 6
CAP
47K
Ω
R19
6 0 3
O E B
J 10
F ICHE 2 M M
10 nF
C 4
6 0 3
4 7 uF
C3 4
CAP
47K
Ω
R 13
6 03
R e gl co m m o de J7
F IC H E 2M M
10 nF
C 2 1
6 0 3
4 7 uF
C3 5
CAP
47K
Ω
R 15
6 0 3
T2 - A T1- 1WT
T2
A D T
10 nF
C 3 1
6 0 3
4 7 uF
C4 2
CAP
47K
Ω
R 16
6 0 3
T2 - A T1- 1WT
T1
A D T
10 nF
C 6
6 0 3
47 0nF
C 2 2
8 0 5
47K
Ω
R17
6 0 3
V c c B 1
J 18
F ICHE 2 M M
10 nF
C 9
6 0 3
47 0nF
C 3 2
8 0 5
47K
Ω
R18
6 0 3
V DDBUF F 3 V
J 17
F ICHE 2 M M
10 nF
C 18
6 0 3
47 0nF
C 3 7
8 0 5
50
Ω
R3
6 0 3
V in
J 1
S M B/H
1K
Ω
R2
6 0 3
47 0nF
C 3 8
8 0 5
50
Ω
R1
6 0 3
V re f M
J 5
F ICHE 2 M M
3 2 P IN
J 6
IDC3 2
4 7 0 nF
C 13
80 5
74LC X 57 3 U3
T S S O P 2 0
V re f P
J2
F IC H E 2M M
3 30pF
C 2 5
60 3
4 7 0 nF
C 28
80 5
74LC X 57 3 U2
T S S O P 2 0
T S A 10 0 2
U1
T Q F P 48
3 30pF
C 2 6
60 3
47 0nF
C 10
8 0 5
C O N 2
J 16
S IP 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com