Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002IFT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSA1002IFT
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002IFT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSA1002IFT Datasheet HTML 2Page - STMicroelectronics TSA1002IFT Datasheet HTML 3Page - STMicroelectronics TSA1002IFT Datasheet HTML 4Page - STMicroelectronics TSA1002IFT Datasheet HTML 5Page - STMicroelectronics TSA1002IFT Datasheet HTML 6Page - STMicroelectronics TSA1002IFT Datasheet HTML 7Page - STMicroelectronics TSA1002IFT Datasheet HTML 8Page - STMicroelectronics TSA1002IFT Datasheet HTML 9Page - STMicroelectronics TSA1002IFT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
6/20
CONDITIONS
AVCC = DVCC = VCCB = 2.5V, Fs= 40Msps,Fin= 1MHz, Vin@ -1.0dBFS, VREFP=1V, VREFM= 0V
Tamb = 25 C (unless otherwise specified)
POWER CONSUMPTION
DIGITAL INPUTS AND OUTPUTS
ACCURACY
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ICCA
Analog Supply current
1)
15.6
18
mA
Tmin= -40 C to Tmax= 85 C2)
21
mA
ICCD
Digital Supply Current
1)
1.3
2
mA
Tmin= -40 C to Tmax= 85 C2)
2mA
ICCB
Digital Buffer Supply Current
1)
2.5
5
mA
Tmin= -40 C to Tmax= 85 C2)
5mA
ICCBZ
Digital Buffer Supply Current in
High Impedance Mode
1)
40
100
µA
Pd
Power consumption in normal
operation mode
1)
48
60
mW
Tmin= -40 C to Tmax= 85 C2)
62
mW
PdZ
Power consumption in High
Impedance mode
1)
43
48
mW
Rthja
Junction-ambient thermal resis-
tor (TQFP48)
80
C/W
1) Rpol= 18
K
Ω. Equivalent load: Rload= 470Ω and Cload= 6pF
2) Not fully tested over the temperature range. Guaranteed by sampling.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Digital inputs
VIL
Logic "0" voltage
0.8
V
VIH
Logic "1" voltage
2.0
V
Digital Outputs
VOL
Logic "0" voltage
Iol=10µA
0.4
V
VOH
Logic "1" voltage
Ioh=-10µA
2.4
V
IOZ
High Impedance leakage current OEB set to VIH
-1.5
1.5
µA
CL
Output Load Capacitance
15
pF
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
OE
Offset Error
Fin= 2MHz, VIN@+1dBFS
-40
-2
40
mV
DNL
Differential Non Linearity
Fin= 2MHz, VIN@+1dBFS
-0.7
±0.2
+0.7
LSB
INL
Integral Non Linearity
Fin= 2MHz, VIN@+1dBFS
-0.8
±0.3
+0.8
LSB
-
Monotonicity and no missing
codes
Guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com