Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41T94
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41T94_09 Datasheet HTML 29Page - STMicroelectronics M41T94_09 Datasheet HTML 30Page - STMicroelectronics M41T94_09 Datasheet HTML 31Page - STMicroelectronics M41T94_09 Datasheet HTML 32Page - STMicroelectronics M41T94_09 Datasheet HTML 33Page - STMicroelectronics M41T94_09 Datasheet HTML 34Page - STMicroelectronics M41T94_09 Datasheet HTML 35Page - STMicroelectronics M41T94_09 Datasheet HTML 36Page - STMicroelectronics M41T94_09 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
M41T94
Package mechanical data
33/41
Figure 18.
SO16 – 16-lead plastic small outline package outline
Note:
Drawing is not to scale.
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1
Table 16.
SO16 – 16-lead plastic small outline package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.60
0.063
α
0°
8°
0°
8°
B
0.35
0.46
0.014
0.018
C
0.19
0.25
0.007
0.010
CP
0.10
0.004
D
9.80
10.00
0.386
0.394
e1.27
–
–
0.050
–
–
E
3.80
4.00
0.150
0.157
L
0.40
1.27
0.016
0.050
N16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com