Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94MH6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T94MH6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T94MH6F Datasheet HTML 19Page - STMicroelectronics M41T94MH6F Datasheet HTML 20Page - STMicroelectronics M41T94MH6F Datasheet HTML 21Page - STMicroelectronics M41T94MH6F Datasheet HTML 22Page - STMicroelectronics M41T94MH6F Datasheet HTML 23Page - STMicroelectronics M41T94MH6F Datasheet HTML 24Page - STMicroelectronics M41T94MH6F Datasheet HTML 25Page - STMicroelectronics M41T94MH6F Datasheet HTML 26Page - STMicroelectronics M41T94MH6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
M41T94
Clock operations
23/41
Figure 13.
RSTIN1 and RSTIN2 timing waveforms
4.8
Calibrating the clock
The M41T94 is driven by a quartz-controlled oscillator with a nominal frequency of
32,768 Hz. Uncalibrated clock accuracy will not exceed ±35 ppm (parts per million)
oscillator frequency error at 25°C, which equates to about ±1.53 minutes per month. When
the Calibration circuit is properly employed, accuracy improves to better than ±2 ppm at
25°C.
The oscillation rate of crystals changes with temperature (see Figure 14 on page 25).
Therefore, the M41T94 design employs periodic counter correction. The calibration circuit
adds or subtracts counts from the oscillator divider circuit at the divide by 256 stage, as
shown in Figure 15 on page 25. The number of times pulses are blanked (subtracted,
negative calibration) or split (added, positive calibration) depends upon the value loaded into
the five calibration bits found in the control register. Adding counts speeds the clock up,
subtracting counts slows the clock down.
The calibration bits occupy the five lower order bits (D4-D0) in the control register (8h).
These bits can be set to represent any value between 0 and 31 in binary form. Bit D5 is a
sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration occurs
within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have one
second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is
loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and so on.
Table 7.
Reset AC characteristics(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5 V (except where noted).
Symbol
Parameter
Min
Max
Unit
tRLRH1
(2)
2.
Pulse width less than 50 ns will result in no RESET (for noise immunity).
RSTIN1 low to RSTIN1 high
200
ns
tRLRH2
(3)
3.
Pulse width less than 20 ms will result in no RESET (for noise immunity).
RSTIN2 low to RSTIN2 high
100
ms
tR1HRH
(4)
4.
Programmable (see Table on page 27).
RSTIN1 high to RST high
40
200
ms
tR2HRH
(4)
RSTIN2 high to RST high
40
200
ms
AI03665
RSTIN2
RST
(1)
RSTIN1
tRLRH1
tRLRH2
tR1HRH
tR2HRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com