Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CFT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSH511CFT
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CFT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSH511CFT Datasheet HTML 12Page - STMicroelectronics TSH511CFT Datasheet HTML 13Page - STMicroelectronics TSH511CFT Datasheet HTML 14Page - STMicroelectronics TSH511CFT Datasheet HTML 15Page - STMicroelectronics TSH511CFT Datasheet HTML 16Page - STMicroelectronics TSH511CFT Datasheet HTML 17Page - STMicroelectronics TSH511CFT Datasheet HTML 18Page - STMicroelectronics TSH511CFT Datasheet HTML 19Page - STMicroelectronics TSH511CFT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application information
TSH511
16/25
Figure 23.
Headset side block diagram
Computer side
In multimedia applications, the TSH511 receives the voice of the user through the 1.7MHz
infrared carrier. The standby pins can disable the unused receiver and audio amplifier to
reduce the supply current (see Figure 24).
Figure 24.
Computer side block diagram
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
TX1
VOX
SBY
buffer1
buffer2
photodiode
Vcc
LED
Vcc
Audio
buffer2
LNA
2.3 MHz
Band-pass
TSH511
HiFi stereo from the PC:
2x 20 mW /16
Ω
1.7 MHz
Band-pass
Voicetransmittedto thePC
Microphone Tx:
1.7 MHz
carrier
Stereo Rx:
2.3 & 2.8 MHz
filter
1.7 MHz
reject
1.7 MHz
reject
2.8 MHz
Band-pass
TSH511 & 512 supply:
2.3 to 5.5V, 25 mA
Audio
buffer1
filter
filter
filter
filter
RX2
RX1
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
TX1
VOX
SBY
buffer1
buffer2
photodiode
Vcc
LED
Vcc
Audio
buffer2
LNA
2.3 MHz
Band-pass
TSH511
HiFi stereo from the PC:
2x 20 mW /16
Ω
1.7 MHz
Band-pass
Voicetransmittedto thePC
Microphone Tx:
1.7 MHz
carrier
Stereo Rx:
2.3 & 2.8 MHz
filter
1.7 MHz
reject
1.7 MHz
reject
2.8 MHz
Band-pass
TSH511 & 512 supply:
2.3 to 5.5V, 25 mA
Audio
buffer1
filter
filter
filter
filter
RX2
RX1
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
TX1
VOX
SBY
buffer1
buffer2
photodiode
Vcc
LED
Vcc
Audio
buffer2
LNA
2.3 MHz
Band-pass
TSH511
HiFi stereo from the PC:
2x 20 mW /16
Ω
1.7 MHz
Band-pass
Voicetransmittedto thePC
Microphone Tx:
1.7 MHz
carrier
Stereo Rx:
2.3 & 2.8 MHz
filter
1.7 MHz
reject
1.7 MHz
reject
2.8 MHz
Band-pass
TSH511 & 512 supply:
2.3 to 5.5V, 25 mA
Audio
buffer1
filter
filter
filter
filter
RX2
RX1
LNA + ALC
LNA + ALC
SBY
buffer1
buffer2
LED
photodiode
TSH511 & 512 supply:
2.3 to 5.5V, 24 mA
TSH512
Audio
buffer1
Audio
buffer2
LNA
RX2
RX1
filter
TSH511
Vcc
1.7 MHz
Band-pass
HiFi stereo Tx:
2.3 & 2.8 MHz
mono Rx:
1.7 MHz
Voice from the headset microphone
HiFi stereo
VOX
TX2
TX1
LNA + ALC
LNA + ALC
SBY
buffer1
buffer2
LED
photodiode
TSH511 & 512 supply:
2.3 to 5.5V, 24 mA
TSH512
Audio
buffer1
Audio
buffer2
LNA
RX2
RX1
filter
TSH511
Vcc
1.7 MHz
Band-pass
HiFi stereo Tx:
2.3 & 2.8 MHz
mono Rx:
1.7 MHz
Voice from the headset microphone
HiFi stereo
VOX
TX2
TX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com