Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 122Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 123Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 124Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 125Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 126Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 127Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 128Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 129Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 164 page
background image
ST72324Jx ST72324Kx
126/164
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Notes:
1. Resonator characteristics given by the ceramic resonator manufacturer.
2. tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8V and the fetch of the first instruction (with a
quick VDD ramp-up from 0 to 5V (<50µs).
3. Resonators all have different characteristics. Contact the manufacturer to obtain the appropriate values of external
components and to verify oscillator performance.
4. 3rd overtone resonators require specific validation by the resonator manufacturer.
Oscil.
Typical Ceramic Resonators (information for guidance only)
CL1
[pF]
CL2
[pF]
tSU(osc)
[ms] 2)
Reference3)
Freq.
Characteristic 1)
LP
CSA2.00MG
2MHz
∆fOSC=[±0.5%tolerance,±0.3%∆Ta,±0.3%aging,±x.x%correl]22 22
4
MP
CSA4.00MG
4MHz
∆fOSC=[±0.5%tolerance,±0.3%∆Ta,±0.3%aging,±x.x%correl]22 22
2
MS
CSA8.00MTZ
8MHz
∆fOSC=[±0.5%tolerance,±0.5%∆Ta,±0.3%aging,±x.x%correl]33 33
1
HS
CSA16.00MXZ0404)
16MHz
∆fOSC=[±0.5%tolerance,±0.3%∆Ta,±0.3%aging,±x.x%correl]33 33
0.7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com