Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 125Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 126Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 127Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 128Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 129Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 130Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 131Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 132Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 164 page
background image
ST72324Jx ST72324Kx
129/164
12.7 MEMORY CHARACTERISTICS
12.7.1 RAM and Hardware Registers
12.7.2 FLASH Memory
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in hardware reg-
isters (only in HALT mode). Not tested in production.
2. Data based on characterization results, not tested in production.
3. VPP must be applied only during the programming or erasing operation and not permanently for reliability reasons.
4. Data based on simulation results, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
1.6
V
DUAL VOLTAGE HDFLASH MEMORY
Symbol
Parameter
Conditions
Min 2)
Typ
Max 2)
Unit
fCPU
Operating frequency
Read mode
0
8
MHz
Write / Erase mode
1
8
VPP
Programming voltage 3)
4.5V
≤ V
DD ≤ 5.5V
11.4
12.6
V
IDD
Supply current4)
Write / Erase
0
mA
IPP
VPP current
4)
Read (VPP=12V)
200
µA
Write / Erase
30
mA
tVPP
Internal VPP stabilization time
10
µs
tRET
Data retention
TA=55°C
20
years
NRW
Write erase cycles
TA=25°C
100
cycles
TPROG
TERASE
Programming or erasing tempera-
ture range
-40
25
85
°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com