Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 127Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 128Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 129Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 130Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 131Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 132Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 133Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 134Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 164 page
background image
ST72324Jx ST72324Kx
131/164
EMC CHARACTERISTICS (Cont’d)
12.8.2 Electro Magnetic Interference (EMI)
Based on a simple application running on the
product (toggling 2 LEDs through the I/O ports),
the product is monitored in terms of emission. This
emission test is in line with the norm SAE J 1752/
3 which specifies the board and the loading of
each pin.
Notes:
1. Data based on characterization results, not tested in production.
2. Refer to Application Note AN1709 for data on other package types.
Symbol
Parameter
Conditions
Device/ Package
Monitored
Frequency Band
Max vs. [fOSC/fCPU]
Unit
8/4MHz
16/8MHz
SEMI
Peak level
VDD=5V,
TA=+25°C
conforming to
SAE J 1752/3
8/16K Flash/
TQFP44
0.1MHz to 30MHz
12
18
dB
µV
30MHz to 130MHz
19
25
130MHz to 1GHz
15
22
SAE EMI Level
3
3.5
-
32K Flash/TQFP44
0.1MHz to 30MHz
20
21
dB
µV
30MHz to 130MHz
26
31
130MHz to 1GHz
22
28
SAE EMI Level
3.5
4.0
-
Flash/TQFP32
0.1MHz to 30MHz
25
27
dB
µV
30MHz to 130MHz
30
36
130MHz to 1GHz
18
23
SAE EMI Level
3.0
3.5
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com