Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 130Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 131Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 132Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 133Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 134Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 135Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 136Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 137Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 164 page
background image
ST72324Jx ST72324Kx
134/164
I/O PORT PIN CHARACTERISTICS (Cont’d)
12.9.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 71. Typical VOL at VDD=5V (std. ports)
Figure 72. Typ. VOL at VDD=5V (high-sink ports)
Figure 73. Typical VOH at VDD=5V
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins do not have VOH.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 71)
IIO=+5mA
1.2
V
IIO=+2mA
0.5
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 72 and Figure 74)
IIO=+20mA, TA≤85°C
TA>85°C
1.3
1.5
IIO=+8mA
0.6
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 73 and Figure 76)
IIO=-5mA, TA≤85°C
TA>85°C
VDD-1.4
VDD-1.6
IIO=-2mA
VDD-0.7
0
0.2
0.4
0.6
0.8
1
1.2
0
0 .0 05
0.0 1
0 .01 5
Ii o (A )
Ta = 1 4 0 ° C "
Ta = 9 5 ° C
Ta = 2 5 ° C
Ta = -4 5 °C
510
15
IIO (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.010.0 20 .0 3
Iio (A )
Ta = 140 °C
Ta = 9 5 °C
Ta = 2 5 °C
Ta = -45° C
10
20
30
IIO (mA)
2
2.5
3
3.5
4
4.5
5
5.5
-0 .0 1
-0.00 8
-0 .00 6
-0 .00 4
-0 .00 2
0
Ii o (A )
V d d= 5V 1 4 0 ° C m in
V d d= 5v 95° C m in
V d d= 5v 25° C m in
V d d= 5v -4 5° C m i n
-10
-8
-6
-4
-2
0
IIO (mA)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com