Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 132Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 133Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 134Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 135Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 136Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 137Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 138Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 139Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 164 page
background image
ST72324Jx ST72324Kx
136/164
12.10 CONTROL PIN CHARACTERISTICS
12.10.1 Asynchronous RESET Pin
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. Data based on characterization results, not tested in production.
2. Hysteresis voltage between Schmitt trigger switching levels.
3. The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
4. To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses applied on
the RESET pin with a duration below th(RSTL)in can be ignored.
5. The reset network (the resistor and two capacitors) protects the device against parasitic resets, especially in noisy en-
vironments.
6. Data guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vhys
Schmitt trigger voltage hysteresis 2)
2.5
V
VIL
Input low level voltage 1)
0.16xVDD
V
VIH
Input high level voltage 1)
0.85xVDD
VOL
Output low level voltage 3)
VDD=5V
IIO=+2mA
0.2
0.5
V
IIO
Driving current on RESET pin
2
mA
RON
Weak pull-up equivalent resistor
VDD=5V
20
30
120
k
Ω
tw(RSTL)out Generated reset pulse duration
Internal reset sources
20
30
426)
µs
th(RSTL)in External reset pulse hold time
4)
2.5
µs
tg(RSTL)in Filtered glitch duration
5)
200
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com