Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 155Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 156Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 157Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 158Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 159Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 160Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 161Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 162Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 164 page
background image
ST72324Jx ST72324Kx
159/164
15 KNOWN LIMITATIONS
15.1 ALL DEVICES
15.1.1 External RC option
The External RC clock source option described in
previous datasheet revisions is no longer support-
ed and has been removed from this specification.
15.1.2 CSS Function
The Clock Security System function has been re-
moved from the datasheet.
15.1.3 Safe Connection of OSC1/OSC2 Pins
The OSC1 and/or OSC2 pins must not be left un-
connected otherwise the ST7 main oscillator may
start and, in this configuration, could generate an
fOSC clock frequency in excess of the allowed
maximum (>16MHz.), putting the ST7 in an un-
safe/undefined state. Refer to Section 6.2 on page
24.
15.1.4 Unexpected Reset Fetch
If an interrupt request occurs while a “POP CC” in-
struction is executed, the interrupt controller does
not recognise the source of the interrupt and, by
default, passes the RESET vector address to the
CPU.
Workaround
To solve this issue, a “POP CC” instruction must
always be preceded by a “SIM” instruction.
15.1.5
Clearing
active
interrupts
outside
interrupt routine
When an active interrupt request occurs at the
same time as the related flag is being cleared, an
unwanted reset may occur.
Note: clearing the related interrupt mask will not
generate an unwanted reset
Concurrent interrupt context
The symptom does not occur when the interrupts
are handled normally, i.e.
when:
– The interrupt flag is cleared within its own inter-
rupt routine
– The interrupt flag is cleared within any interrupt
routine
– The interrupt flag is cleared in any part of the
code while this interrupt is disabled
If these conditions are not met, the symptom can
be avoided by implementing the following se-
quence:
Perform SIM and RIM operation before and after
resetting an active interrupt request.
Example:
SIM
reset interrupt flag
RIM
Nested interrupt context:
The symptom does not occur when the interrupts
are handled normally, i.e.
when:
– The interrupt flag is cleared within its own inter-
rupt routine
– The interrupt flag is cleared within any interrupt
routine with higher or identical priority level
– The interrupt flag is cleared in any part of the
code while this interrupt is disabled
If these conditions are not met, the symptom can
be avoided by implementing the following se-
quence:
PUSH CC
SIM
reset interrupt flag
POP CC
15.1.6 External Interrupt Missed
To avoid any risk of generating a parasitic inter-
rupt, the edge detector is automatically disabled
for one clock cycle during an access to either DDR
and OR. Any input signal edge during this period
will not be detected and will not generate an inter-
rupt.
This case can typically occur if the application re-
freshes the port configuration registers at intervals
during runtime.
Workaround
The workaround is based on software checking
the level on the interrupt pin before and after writ-
ing to the PxOR or PxDDR registers. If there is a
level change (depending on the sensitivity pro-
grammed for this pin) the interrupt routine is in-
voked using the call instruction with three extra
PUSH instructions before executing the interrupt
routine (this is to make the call compatible with the
IRET instruction at the end of the interrupt service
routine).
But detection of the level change does ensure that
edge occurs during the critical 1 cycle duration and
the interrupt has been missed. This may lead to
occurrence of same interrupt twice (one hardware
and another with software call).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com