Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 156Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 157Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 158Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 159Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 160Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 161Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 162Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 163Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 164Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 162 / 164 page
background image
ST72324Jx ST72324Kx
162/164
16 IMPORTANT NOTES ON ST72F324B FLASH DEVICES:
With the objective of continuous improvement, ST
has developed new ST72F324B devices. These
devices are fully compatible with all ROM features
and provide an improved price/performance ratio
compared to the ST72F324 flash devices.
A summary of the technical improvements is given
below.
Refer to separate ST72324B datasheet for the or-
dering information and full specifications.
16.1 Reset Pin Logic levels
In ST72F324B Flash devices, the VIH/VIL levels for
the reset pin are the same as specified for ROM
devices
16.2 Wake-Up from Active Halt mode using
external interrupts
In ST72F324B Flash devices, any external inter-
rupt that capable of waking-up the MCU from Halt
mode can also wake-up the MCU from Active Halt
mode. Consequently note 1 below Table 8 on
page 36 does not apply to ‘B’ devices.
16.3 PLL Jitter
In ST72F324B Flash devices, PLL clock accuracy
is improved and the jitter is the same as specified
for ROM devices
16.4 Active Halt Power Consumption
In ST72F324B Flash devices, the power con-
sumption in Active Halt mode is specified as
230µA max. See Table 12.5.1 on page 120 for test
conditions.
16.5 Timer A Registers
In ST72F324B Flash devices, all Timer A registers
are present and their functionality is the same as
described for ROM devices in the ST72324B da-
tasheet.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com