Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C16-RBN3TP/S Datasheet(PDF) 24 Page - STMicroelectronics

Part # M24C16-RBN3TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RBN3TP/S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M24C16-RBN3TP/S Datasheet HTML 20Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 21Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 22Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 23Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 24Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 25Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 26Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 27Page - STMicroelectronics M24C16-RBN3TP/S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
DC and AC parameters
M24C16, M24C08, M24C04, M24C02, M24C01
24/39
Doc ID 5067 Rev 16
Table 16.
AC characteristics at 100 kHz (I2C Standard-mode)(1) (M24Cxx-W,
M24Cxx-R, M24Cxx-F)
1.
Values recommended by the I2C bus Standard-mode specification for a robust design of the I2C bus
application. Note that the M24xxx devices decode correctly faster timings as specified in Table 15: AC
characteristics at 400 kHz (I2C Fast-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F).
Test conditions specified in either Table 6, Table 7 or Table 8 and Table 13
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
-
100
kHz
tCHCL
tHIGH
Clock pulse width high
4
-
µs
tCLCH
tLOW
Clock pulse width low
4.7
-
µs
tXH1XH2
tR
Input signal rise time
-
1
µs
tXL1XL2
tF
Input signal fall time
-
300
ns
tQL1QL2
(2)
2.
Characterized only.
tF
SDA fall time
-
300
ns
tDXCX
tSU:DAT Data in setup time
250
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
ns
tCLQX
tDH
Data out hold time
200
-
ns
tCLQV
(3)
3.
To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
tAA
Clock low to next data valid (access time)
200
3450
ns
tCHDX
(4)
4.
For a reStart condition, or following a Write cycle.
tSU:STA Start condition setup time
4.7
-
µs
tDLCL
tHD:STA Start condition hold time
4
-
µs
tCHDH
tSU:STO Stop condition setup time
4
-
µs
tDHDL
tBUF
Time between Stop condition and next Start
condition
4.7
-
µs
tW
tWR
Write time
-
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com