Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259WI50 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5259WI50
Description  Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259WI50 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5259WI50 Datasheet HTML 6Page - ON Semiconductor CAT5259WI50 Datasheet HTML 7Page - ON Semiconductor CAT5259WI50 Datasheet HTML 8Page - ON Semiconductor CAT5259WI50 Datasheet HTML 9Page - ON Semiconductor CAT5259WI50 Datasheet HTML 10Page - ON Semiconductor CAT5259WI50 Datasheet HTML 11Page - ON Semiconductor CAT5259WI50 Datasheet HTML 12Page - ON Semiconductor CAT5259WI50 Datasheet HTML 13Page - ON Semiconductor CAT5259WI50 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CAT5259
Doc. No. MD-2000 Rev. J
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper.
The response of the wiper to this action will be
delayed by tWR. A transfer from the WCR (current
wiper position), to a Data Register is a write to non-
volatile memory and takes a minimum of tWR to
complete. The transfer can occur between one of the
four potentiometers and one of its associated
registers; or the transfer can occur between all
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 7. These instructions
transfer data between the host/processor and the
CAT5259; either between the host and one of the data
registers or directly between the host and the Wiper
Control Register. These instructions are:
— XFR Data Register to Wiper Control Register
This transfers the contents of one specified
DataRegister to the associated Wiper Control
Register.
— XFR Wiper Control Register to Data Register
This transfers the contents of the specified Wiper
Control Register to the specified associated Data
Register.
— Gang XFR Data Register to Wiper Control
Register
This transfers the contents of all specified Data
Registers to the associated Wiper Control
Registers.
— Gang XFR Wiper Counter Register to Data
Register
This transfers the contents of all Wiper Control
Registers to the specified associated Data
Registers.
INCREMENT/DECREMENT COMMAND
The final command is Increment/Decrement (Figure 9
and 10). The Increment/Decrement command is
different from the other commands. Once the
command is issued and the CAT5259 has responded
with an acknowledge, the master can clock the
selected wiper up and/or down in one segment steps;
thereby providing a fine tuning capability to the host.
For each SCL clock pulse (tHIGH) while SDA is HIGH,
the selected wiper will move one resistor segment
towards the RH terminal. Similarly, for each SCL clock
pulse while SDA is LOW, the selected wiper will move
one resistor segment towards the RL terminal.
See Instructions format for more detail.
Figure 7. Two-Byte Instruction Sequence
Figure 8. Three-Byte Instruction Sequence
Figure 9. Increment/Decrement Instruction Sequence
S
T
A
R
T
01
0
1
A2
A0
A
C
K
I2
I1
I0
R1 R0 P1
A
C
K
SDA
S
T
O
P
ID3 ID2 ID1 ID0
P0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
A1
A3
I3
I3
I2
I1 I0
R1 R0
ID3 ID2 ID1ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
WCR[7:0]
or
Data Register D[7:0]
S
T
A
R
T
01
0
1
A2
A1
A0 A
C
K
P1 P0 A
C
K
SDA
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
A3
I3
I2
I1
I0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
S
T
A
R
T
0101
A2 A1 A0
A
C
K
R0 P1 P0
A
C
K
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com