Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01-FMN3TP/S Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24C01-FMN3TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-FMN3TP/S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24C01-FMN3TP/S Datasheet HTML 5Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 6Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 7Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 8Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 9Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 10Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 11Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 12Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Signal description
Doc ID 5067 Rev 16
9/39
2.4
Supply voltage (VCC)
2.4.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 6, Table 7 and
Table 8). In order to secure a stable DC supply voltage, it is recommended to decouple the
VCC line with a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the
VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
2.4.2
Power-up conditions
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined in Table 6, Table 7 and Table 8 and the rise time must not vary faster than 1 V/µs.
2.4.3
Device reset
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR)
circuit is included. At power-up (continuous rise of VCC), the device does not respond to any
instruction until VCC reaches the power-on-reset threshold voltage (this threshold is lower
than the minimum VCC operating voltage defined in Table 6, Table 7 and Table 8). When
VCC passes over the POR threshold, the device is reset and enters the Standby Power
mode. The device, however, must not be accessed until VCC reaches a valid and stable VCC
voltage within the specified [VCC(min), VCC(max)] range.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops
below the power-on-reset threshold voltage, the device stops responding to any instruction
sent to it.
2.4.4
Power-down conditions
During power-down (continuous decrease in VCC), the device must be in the Standby Power
mode (mode reached after decoding a Stop condition, assuming that there is no internal
write cycle in progress).
Figure 5.
Maximum RP value versus bus parasitic capacitance (C) for an I²C bus
1
10
100
10
100
1000
Bus line capacitor (pF)
When tLOW = 1.3 µs (min value for
fC = 400 kHz), the Rbus × Cbus
time constant must be below the
400 ns time constant line
represented on the left.
I²C bus
master
M24xxx
Rbus
VCC
Cbus
SCL
SDA
ai14796b
R
bus
×
C
bus
= 400
ns
Here Rbus × Cbus = 120 ns
4 k
Ω
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com